Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18T512800AC Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # HYB18T512800AC
Description  DDR2 Registered Memory Modules
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18T512800AC Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button HYB18T512800AC Datasheet HTML 3Page - Infineon Technologies AG HYB18T512800AC Datasheet HTML 4Page - Infineon Technologies AG HYB18T512800AC Datasheet HTML 5Page - Infineon Technologies AG HYB18T512800AC Datasheet HTML 6Page - Infineon Technologies AG HYB18T512800AC Datasheet HTML 7Page - Infineon Technologies AG HYB18T512800AC Datasheet HTML 8Page - Infineon Technologies AG HYB18T512800AC Datasheet HTML 9Page - Infineon Technologies AG HYB18T512800AC Datasheet HTML 10Page - Infineon Technologies AG HYB18T512800AC Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
HYS72T[256/128/64][0/2][0/2]0[G/H]R-[5/3.7]-A
Registered DDR2 SDRAM Modules
Data Sheet
7
Rev. 0.85, 2004-04
Preliminary
1.7 Registered DIMM Input/Output Functional Description
Symbol
Type
Polarity
Function
CK0, CK0
Input
Cross point
The system clock inputs. All address and command lines are sampled on the cross point of
the rising edge of CK and the falling edge of CK. An on-board DLL circuit is driven from the
clock inputs and output timing for read operations is synchronized to the input clock.
CKE[1:0]
Input
Active High
CKE high activates and CKE low deactivates internal clock signals and device input buffers
and output drivers of the SDRAMs. Taking CKE low provides Precharge Power-Down and
Self-Refresh operation (all banks idle), or Active Power-Down (row Active in any bank).
CS[1:0]
Input
Active Low
Enables the associated SDRAM command decoder when low and disables decoder when
high. When decoder is disabled, new commands are ignored and previous operations con-
tinue. The input signals also disable all outputs (except CKE and ODT) of the register(s) on
the DIMM when both inputs are high. When both CS[1:0] are high, all register outputs (except
CK, ODT and Chip select) remain in the previous state.
ODT[1:0]
Input
Active High On-Die Termination control signals
RAS, CAS,
WE
Input
Active Low
When sampled at the positive edge of the clock, RAS, CAS and WE define the operation to
be executed by the SDRAM.
DM[8:0]
Input
Active High Masks write data when high, issued concurrently with input data.
BA[1:0]
Input
-
Selects which internal SDRAM memory bank is activated
A[13:0]
Input
-
During Bank Activate command cycle, Address defines the row address. During a Read or
Write command cycle, Address defines the column address. In addition to the column
address, A10(=AP) is used to invoke Auto-Precharge operation at the end of the burst read
or write cycle. If AP is high, Auto Precharge is selected and BA[1:0] defines the bank to be
precharged. If AP is low, Auto-Precharge is disabled. During a Precharge command cycle,
AP is used in conjunction with BA[1:0] to control which bank(s) to precharge. If AP is high, all
banks will be precharged regardless of the state of BA[1:0]. If AP is low, BA[1:0] are used to
define which bank to precharge.
DQ[63:0],
CB[7:0]
I/O
-
Data and Check Bit Input /Output pins.
DQS[17:0],
DQS[17:0]
I/O
Cross point
The data strobes, associated with one data byte, source with data transfer. In Write mode,
the data strobe is sourced by the controller and is centered in the data window. In Read
mode the data strobe is sources by the DDR2 SDRAM and is sent at the leading edge of the
data window. DQS signals are complements, and timing is relative to the crosspoint of
respective DQS and DQS. If the module is to be operated in single ended strobe mode, all
DQS signals must be tied on the system board to VSS and DDR2 SDRAM mode registers
programmed appropriately.
SA[2:0]
Input
-
These signals are tied at the system planar to either VSS or VDDSPD to configure the serial
SPD EEPROM address range
SDA
I/O
-
This bidirectional pin is used to transfer data into and out of the SPD EEPROM. A resistor
maybe connected from the SDA bus line to VDDSPD on the system planar to act as a pull-
up.
SCL
Input
-
This signal is used to clock data into the SPD EEPROM. A resistor maybe connected from
the SCL bus line to VDDSPD on the system planar to act as a pull-up.
RESET
Input
-
The RESET pin is connected to the RST pin on the register and to the OE pin on the PLL.
When low, all register outputs will be driven low and the PLL clocks to the DRAMs and the
register(s) will be set to low level. The PLL will remain synchronized with the input clock.
V
DD, VSS
Supply
-
Power and ground for the DDR SDRAM input buffers and core logic.
VREF
Supply
-
Reference voltage for the SSTL-18 inputs.
VDDSPD
Supply
-
Serial EEPROM positive power supply, wired to a separated power pin at the connector
which supports from 1.7 Volt to 3.6 Volt.
Note: CS1, ODT1 and CKE1 are used on dual rank modules only
.


Similar Part No. - HYB18T512800AC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB18T512800AC INFINEON-HYB18T512800AC Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYB18T512800AC-37 INFINEON-HYB18T512800AC-37 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
HYB18T512800AC-5 INFINEON-HYB18T512800AC-5 Datasheet
2Mb / 96P
   512-Mbit Double-Data-Rate-Two SDRAM
Rev. 1.13, Mai 2004
More results

Similar Description - HYB18T512800AC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72T64000GR-5-A INFINEON-HYS72T64000GR-5-A Datasheet
631Kb / 33P
   DDR2 Registered Memory Modules
Rev. 0.85, Apr. 2004
HYS72T32000GR INFINEON-HYS72T32000GR Datasheet
725Kb / 24P
   DDR2 Registered DIMM Modules
V0.22,Feb. 2004
logo
Qimonda AG
HYS72T32000HP QIMONDA-HYS72T32000HP Datasheet
1Mb / 53P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T256023 QIMONDA-HYS72T256023 Datasheet
2Mb / 41P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP QIMONDA-HYS72T64000HP Datasheet
3Mb / 49P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HP-25F QIMONDA-HYS72T64000HP-25F Datasheet
3Mb / 65P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T512020HR QIMONDA-HYS72T512020HR Datasheet
928Kb / 37P
   240-Pin Registered-DDR2-SDRAM Modules
HYS72T256000ER QIMONDA-HYS72T256000ER Datasheet
1Mb / 33P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64000HR-3S-B QIMONDA-HYS72T64000HR-3S-B Datasheet
2Mb / 52P
   240-Pin Registered DDR2 SDRAM Modules
HYS72T64301HP QIMONDA-HYS72T64301HP Datasheet
2Mb / 42P
   240-Pin Registered DDR2 SDRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com