Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITV1215SA Datasheet(PDF) 1 Page - XP Power Limited

Part # ITV1215SA
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ITV1215SA Datasheet(HTML) 1 Page - XP Power Limited

  ITV1215SA Datasheet HTML 1Page - XP Power Limited ITV1215SA Datasheet HTML 2Page - XP Power Limited ITV1215SA Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ITV Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Input currents measured at nominal input voltage.
2. Maximum capacitive load is per output.
3. Measured at nominal input voltage and full load.
• Single & Dual Output
• 40 °C to +105 °C Operation
• SIP Package
• Full Load at 95 °C Ambient
• 3000 VDC Isolation
• Class B Radiated Emissions
• MTBF >3.5 MHrs
• 3 Year Warranty
Dimensions:
ITV:
0.76 x 0.24 x 0.39” (19.5 x 6.0 x 10.0 mm)
1 Watts
Input Voltage
Output Voltage
Output Current
Input Current(1)
Maximum
Capacitive Load(2)
Efficiency(3)
Model Number
No Load
Full Load
5 V
5 V
200 mA
30 mA
253 mA
220 µF
80%
ITV0505SA
12 V
83.3 mA
30 mA
253 mA
100 µF
80%
ITV0512SA
15 V
66.7 mA
30 mA
253 mA
100 µF
80%
ITV0515SA
±5 V
±100 mA
30 mA
253 mA
±100 µF
80%
ITV0505S
±12 V
±41.6 mA
30 mA
250 mA
±47 µF
81%
ITV0512S
±15 V
±33.3 mA
30 mA
250 mA
±47 µF
81%
ITV0515S
12 V
5 V
200 mA
15 mA
106 mA
220 µF
80%
ITV1205SA
12 V
83.3 mA
15 mA
106 mA
100 µF
80%
ITV1212SA
15 V
66.7 mA
15 mA
104 mA
100 µF
81%
ITV1215SA
±5 V
±100 mA
15 mA
106 mA
±100 µF
80%
ITV1205S
±12 V
±41.6 mA
15 mA
106 mA
±47 µF
80%
ITV1212S
±15 V
±33.3 mA
15 mA
104 mA
±47 µF
81%
ITV1215S
24 V
5 V
200 mA
7 mA
53 mA
220 µF
80%
ITV2405SA
12 V
83.3 mA
7 mA
53 mA
100 µF
80%
ITV2412SA
15 V
66.7 mA
7 mA
53 mA
100 µF
80%
ITV2415SA
±5 V
±100 mA
7 mA
53 mA
±100 µF
80%
ITV2405S
±12 V
±41.6 mA
7 mA
53 mA
±47 µF
80%
ITV2412S
±15 V
±33.3 mA
7 mA
53 mA
±47 µF
80%
ITV2415S


Similar Description - ITV1215SA

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com