Electronic Components Datasheet Search |
|
IEQ0524D15 Datasheet(PDF) 2 Page - XP Power Limited |
|
IEQ0524D15 Datasheet(HTML) 2 Page - XP Power Limited |
2 / 3 page IEQ05 Series www.xppower.com 2 DC-DC Converter Input Output Characteristic Minimum Typical Maximum Units Notes & Conditions Output Voltage 3.3 30 VDC See Models and Ratings table Initial Set Accuracy ±2 % Output Voltage Balance ±1 ±2 % For dual output with balanced laods Minimum Load A No minimum load required Line Regulation ±0.3 ±0.5 % Load Regulation ±0.5 ±1.0 % Cross Regulation ±5.0 % On dual output models when one load is varied between 25% and 100% and other is fixed at 100% Transient Response 35 % deviation Recovery within 1% in less than 500 µs for a 25% load change. Ripple & Noise 100 mV pk-pk 20 MHz bandwidth. Measured using 0.47 µF ceramic capacitor. Overload Protection 170 % Short Circuit Protection Continuous, with auto recovery Maximum Capacitive Load See Models and Ratings table Temperature Coefficient 0.02 %/ ˚C Characteristic Minimum Typical Maximum Units Notes & Conditions Input Voltage Range 4.5 18 VDC 12 V nominal 9.0 36 24 V nominal 18.0 75 48 V nominal Input Filter Internal Capacitor Input Surge 36 VDC for 1 s 12 V nominal 50 24 V models 100 48 V models Remote On/Off ON: open circuit OFF: 2-4 mA via 1k Ωresistorintopin3withrespecttopin1 General Characteristic Minimum Typical Maximum Units Notes & Conditions Efficiency 82 % See Models and Ratings table Isolation: Input to Output 1500/1800 VDC 60 s/1 s Isolation Resistance 109 Ω At 500 VDC Isolation Capacitance 250 pF Switching Frequency 100 kHz Power Density 35.7 W/in3 Mean Time Between Failure 2.4 MHrs MIL-HDBK-217F, +25 °C GB Weight 0.01 (4.8) lb (g) Environmental Characteristic Minimum Typical Maximum Units Notes & Conditions Operating Temperature -40 +90 °C See Derating Curve. Storage Temperature -55 +125 °C Case Temperature +90 °C Humidity 95 %RH Non-condensing Cooling Natural convection Case Flammability UL 94V-0 Rated Non conductive black plastic |
Similar Description - IEQ0524D15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |