Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39D512800TC-3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # HYB39D512800TC-3
Description  MEMORY SPECTRUM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39D512800TC-3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  HYB39D512800TC-3 Datasheet HTML 1Page - Infineon Technologies AG HYB39D512800TC-3 Datasheet HTML 2Page - Infineon Technologies AG HYB39D512800TC-3 Datasheet HTML 3Page - Infineon Technologies AG HYB39D512800TC-3 Datasheet HTML 4Page - Infineon Technologies AG HYB39D512800TC-3 Datasheet HTML 5Page - Infineon Technologies AG HYB39D512800TC-3 Datasheet HTML 6Page - Infineon Technologies AG HYB39D512800TC-3 Datasheet HTML 7Page - Infineon Technologies AG HYB39D512800TC-3 Datasheet HTML 8Page - Infineon Technologies AG HYB39D512800TC-3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
DRAM Components
Speed / Performance
3
=
DDR2-667 4-4-4
(DDR2)
3.7
=
DDR2-533 4-4-4
(DDR2)
5
=
DDR2-400 3-3-3 / DDR400B 3-3-3
(DDR2 / DDR)
6
=
DDR333 2.5-3-3 / PC166 3-3-3
(DDR / SDR)
7
=
DDR266A 2-3-3 / PC133 2-2-2
(DDR / SDR)
7F
=
DDR266 2-2-2
(DDR)
7.5
=
DDR266B 2.5-3-3 / PC133 3-3-3
(DDR / SDR)
8
=
DDR200 2-2-2 / PC100 2-2-2
(DDR / SDR)
Power
none =
Standard Power
L
=
Low-Power Product
Package
C
=
FBGA
Contains Lead
T
=
TSOP 400 mil
Contains Lead
E
=
TSOP 400 mil
Lead and Halogen-Free (ROHS*-compliant)
F
=
FBGA
Lead and Halogen-Free (ROHS*-compliant)
G
=
TSOP stack
Lead and Halogen-Free (ROHS*-compliant)
Product Revision
Die Revision
Product Variation
0
=
Standard Product
Organization
40
=
x 4
80
=
x 8
16
=
x 16
Memory Density
128
=
128 Mb
256
=
256 Mb
512
=
512 Mb
1G
=
1024 Mb
Memory Type
S
=
SDR
Single Data Rate SDRAM
D
=
DDR
Double Data Rate SDRAM
T
=
DDR2
Double Data Rate 2 SDRAM
Supply Voltage
39
=
3.3 V
25
=
2.5 V
18
=
1.8 V
Prefix
HYB
=
Memory Components
* ROHS = Restriction Of Hazardous Substances
HYB
25
D
128
80
0
C
T
- 6
(Example)
4
4
Nomenclature DRAM Components


Similar Part No. - HYB39D512800TC-3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39L128160AC INFINEON-HYB39L128160AC Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
HYB39L128160AC-7.5 INFINEON-HYB39L128160AC-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
HYB39L128160AC-75 INFINEON-HYB39L128160AC-75 Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
HYB39L128160AC-8 INFINEON-HYB39L128160AC-8 Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
HYB39L128160AT INFINEON-HYB39L128160AT Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
More results

Similar Description - HYB39D512800TC-3

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
   SPECTRUM ANALYZER
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
   Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
   Spectrum Analyzer
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
   Spectrum Analyzer
logo
Lumins Inc.
STR100 LUMINIS-STR100 Datasheet
447Kb / 2P
   SPECTRUM 100
logo
TEKTRONIX, INC.
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
   Spectrum Analyzer
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
   Spectrum Analyzer
2011/65/EU
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com