Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSL240PS12-I Datasheet(PDF) 2 Page - XP Power Limited

Part # DSL240PS12-I
Description  Ultra Slim Design
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

DSL240PS12-I Datasheet(HTML) 2 Page - XP Power Limited

  DSL240PS12-I Datasheet HTML 1Page - XP Power Limited DSL240PS12-I Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Models and Ratings
04-Jan-13
Application Notes
Mechanical Details
DSL240
Output Voltage
Output Power
Output Voltage Trim(4) Output Current
Peak Load(3)
Typical Efficiency(2)
Model Number(1)
12 V
192 W
11.75-14.5 V
16.0 A
24.0 A
90%
DSL240PS12-I
24 V
240 W
22.5-28.5 V
10.0 A
15.0 A
93%
DSL240PS24-I
Notes
1. Add suffix ‘D’ for detachable connector option e.g. DSL240PS24-ID.
2. Typical efficiency at 230 VAC and full load.
3. Peak load is for a maximum of 3 s with 20% duty cycle. Average power is not
to exceed nominal output power.
4. Output current should be limited so that nominal output power is
not exceeded.
-20
-40
0
10
20
30
40
50
60
70
20
40
60
80
100
0
Ambient Temp (˚C)
4.59 (116.6)
2.52 (64.0)
4.9
(124.50)
5.65
(143.5)
0.3
(7.0)
‘-D’ version (detachable connectors)
The green LED is lit if the output voltage is OK (10-11.2 VDC for 12 V units, 17.6-19.4 VDC for 24 V units at start up)
The red LED is lit if the output voltage is low (10-11.2 VDC for 12 V units, 17.6-19.4 VDC for 24 V units after start up)
61
61
13
13
Pin Connections
Conn
Pin
Designation
AC
Input
1
Ground
2
Neutral
3
Line
DC
Output
1
DC OK*
2
DC OK*
3
Positive
4
Positive
5
Negative
6
Negative
DCOK
DCOK
Contact Rating: 0.3 A at 60 VDC
500 VDC isolation
Open = Output fail
Closed = Output good
* 24 V models only.
1. All dimensions in inches (mm)
2. Weight: 1.916 lbs (860g)
3. Tolerance: ±0.02 in (±0.5 mm)
4. Screw terminal: 10-24 AWG cables size. Detachable connector version: 14-24 AWG cable size.
5. Connection screw maximum torque: Input: 9lbs-in (1.0 Nm), Output: 5.5 lbs-in (0.6 Nm).
Notes
Derating Curves
Peak Loading
DC OK
OCP
Peak
Continuous
3 sec
3 sec
Auto recovery within 7 sec
< 7 sec
OCP
< 7 sec
360 W for 24 V
258 W for 12 V
240W for 24 V
198 W for 12 V


Similar Part No. - DSL240PS12-I

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
DSL24W YFWDIODE-DSL24W Datasheet
461Kb / 3P
   Surface Mount Schottky Barrier Rectifier
More results

Similar Description - DSL240PS12-I

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-5120T-830 AXIOMTEK-GOT-5120T-830 Datasheet
375Kb / 2P
   Ultra slim design: thickness 52mm
GOT-5840T-830 AXIOMTEK-GOT-5840T-830 Datasheet
375Kb / 2P
   Ultra Slim design: thickness 45mm
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
   Ultra slim and compact design
GOT-5152T-830 AXIOMTEK-GOT-5152T-830 Datasheet
344Kb / 2P
   Ultra slim design: thickness 54.6mm
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
   Ultra slim and compact design
MPC102-832 AXIOMTEK-MPC102-832 Datasheet
423Kb / 2P
   Ultra slim design - thickness 45.8 mm
logo
A-Data Technology
HC660 A-DATA-HC660 Datasheet
403Kb / 2P
   Ultra-slim design at just 9.6mm
logo
Mean Well Enterprises C...
HDR-60 MEANWELL-HDR-60 Datasheet
738Kb / 4P
   ULTRA SLIM DESIGN WITH 52.5MM(2SU) WIDTH
HDR-15 MEANWELL-HDR-15 Datasheet
631Kb / 4P
   ULTRA SLIM DESIGN WITH 17.5MM(1SU) WIDTH
logo
A-Data Technology
HV620S A-DATA-HV620S Datasheet
427Kb / 2P
   Slim profile design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com