Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSSS919800 Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS919800
Description  Mid-size general purpose type well established for user friendliness
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS919800 Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  SSSS919800 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. SSSS919800 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
96
96
5(H)mm, 2mm-travel Type
SSSS9
Packing Specifications
Bulk
Products No.
Number of packages(pcs.)
Export package
measurements(mm)
1 case / Japan
1 case / export packing
SSSS921800, SSSS923200, SSSS920600, SSSS928500, SSSS928200,
SSSS925701
800
4,000
400×270×290
SSSS912000, SSSS910800, SSSS926400, SSSS910400, SSSS919800,
SSSS916400, SSSS919500, SSSS918700, SSSS914503, SSSS918500,
SSSS922500, SSSS91B600, SSSS922000, SSSS916900, SSSS91A601,
SSSS912500, SSSS915001, SSSS925800, SSSS91B900, SSSS923802
1,000
5,000
Style
No.
PC board mounting hole dimensions
(Viewed from direction A)
1
11.5
2
2
22
9
0.5
PC board
mounting face
4.7
2
0.35
3.7
Travel
Terminal No.1
A
1-pole, 2-position
Standard type
22
3-ø0.7 hole
1.5
1.5
13.9
2
11.5
2
2-C0.3
2
2 2
9
0.5
4.7
2
0.35
PC board
mounting face
a
13.3
14.3
Travel
Terminal No. 1
A
1-pole, 2-position
Snap-in type
22
4-ø0.7 hole
4
3
1
1-pole, 3-position
Standard type
22
3-ø0.7 hole
Dimensions
Unit:mm
Vertical Actuator Type


Similar Part No. - SSSS919800

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS919800 ALPS-SSSS919800 Datasheet
395Kb / 6P
   Slide Switch
More results

Similar Description - SSSS919800

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSF ALPS-SSSF_15 Datasheet
993Kb / 6P
   Large-size general purpose type well established in various fields
logo
Yamaichi Electronics Co...
CN074-340-0003 YAMAICHI-CN074-340-0003 Datasheet
107Kb / 1P
   AdvancedMCTM Connector for ATCA (Type AB mid size)
logo
ALPS ELECTRIC CO.,LTD.
SSSU ALPS-SSSU_15 Datasheet
974Kb / 6P
   Large-size general purpose type with various knobs
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECO-S2HP680CA PANASONIC-ECO-S2HP680CA Datasheet
243Kb / 9P
   Compact size for general purpose and industrial applications
ECOS1CP473EA PANASONIC-ECOS1CP473EA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
logo
ALPS ELECTRIC CO.,LTD.
SPPB ALPS-SPPB Datasheet
750Kb / 8P
   General-purpose Type
SPPB ALPS-SPPB_15 Datasheet
1Mb / 8P
   General-purpose Type
logo
Winchester Electronics ...
7410-16 WINCHESTER-7410-16 Datasheet
47Kb / 1P
   MID SIZE PATECH PLUG
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com