Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSSF115300 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSF115300
Description  Large-size general purpose type well established in various fields
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSF115300 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  SSSF115300 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSF115300 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSF115300 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSF115300 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSF115300 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSF115300 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
111
111
300
200
100
A max.
B
D
C
E
Time (s)
F max.
Pre-heating
Room
temperature
1. The condition mentioned above is the temperature on the mounting surface of a PC board. There are cases where the
PC board’s temperature greatly differs from that of the switch, depending on the PC board’s material, size, thickness, etc.
The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is highly
recommended.
Notes
Example of Reflow Soldering Condition
1. Heating method: Double heating method with infrared heater.
2. Temperature measurement: Thermocouple φ 0.1 to 0.2 CA(K)or CC(T)at soldering portion(copper foil surface).
A heat resisting tape should be used for fixed measurement.
3. Temperature profile
Slide Switches Soldering Conditions
SSSS8
SSSS7
SSAC
Soldering temperature
Duration of immersion
Preheating temperature
Preheating time
SSAH, SSAG, SSAJ, SSAL
SSSS9
SSSS2
SSSF, SSSU
Series
Series
3+1/0s
4s max.
3s max.
3s max.
3s max.
3s max.
2s max.
Items
Soldering time
Dip soldering
SSSS9
SSSS2
120℃ max.
100℃ max.
100℃ max.
100℃ max.
60s max.
60s max.
60s max.
60s max.
260±5℃
260±5℃
5+0/-1s(2 times)
3±1s
SSSF, SSSU
260±5℃
10±1s/5±1s
SSAC
260±5℃
5±1s
Reference for Hand Soldering
Reference for Dip Soldering
(For PC board terminal types)
330±5℃
320±5℃
300±10℃
350±10℃
350±10℃
350±10℃
350±5℃
Soldering temperature
SSSS2
Vertical
1-pole, 3-position
Vertical
1-pole, 2-position
Horizontal
1-pole, 2-position
1-pole, 3-position
2-pole, 3-position
SSSS7
SSAH, SSAG, SSAJ, SSAL, SSSS8
260
150
Series(Reflow type)
260
250
230
40
180
120
A(℃)
3s max.
B(℃)
C(s)
D(℃)
E(℃)
F(s)


Similar Part No. - SSSF115300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSF115300 ALPS-SSSF115300 Datasheet
317Kb / 5P
   Slide Switch
More results

Similar Description - SSSF115300

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS9 ALPS-SSSS9_15 Datasheet
1Mb / 8P
   Mid-size general purpose type well established for user friendliness
SSSU ALPS-SSSU_15 Datasheet
974Kb / 6P
   Large-size general purpose type with various knobs
logo
Sharp Corporation
LM64P11 SHARP-LM64P11 Datasheet
34Kb / 1P
   Large Size Graphic Type LCD Module
LM64183P SHARP-LM64183P Datasheet
59Kb / 1P
   Large Size Graphic Type LCD Module
logo
TDK Electronics
B41231A3229M062 TDK-B41231A3229M062 Datasheet
52Kb / 1P
   Snap-in, Multi Pin, Large Size Capacitors
June 29, 2022
B41231A3339M060 TDK-B41231A3339M060 Datasheet
52Kb / 1P
   Snap-in, Multi Pin, Large Size Capacitors
June 29, 2022
B41231A7568M067 TDK-B41231A7568M067 Datasheet
52Kb / 1P
   Snap-in, Multi Pin, Large Size Capacitors
June 29, 2022
B41231A7688M062 TDK-B41231A7688M062 Datasheet
52Kb / 1P
   Snap-in, Multi Pin, Large Size Capacitors
June 29, 2022
B41231A9228M067 TDK-B41231A9228M067 Datasheet
52Kb / 1P
   Snap-in, Multi Pin, Large Size Capacitors
June 29, 2022
B41231A9278M067 TDK-B41231A9278M067 Datasheet
52Kb / 1P
   Snap-in, Multi Pin, Large Size Capacitors
June 29, 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com