Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BCC200PS12 Datasheet(PDF) 1 Page - XP Power Limited

Part No. BCC200PS12
Description  Wide Operating Temperature Range
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo XPPOWER - XP Power Limited

BCC200PS12 Datasheet(HTML) 1 Page - XP Power Limited

  BCC200PS12 Datasheet HTML 1Page - XP Power Limited BCC200PS12 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
200 400 Watts
Baseplate cooled
Wide Operating Temperature Range
ETSI, EMC and Environmental Compliant
Parallel Operation
Remote On/Off
Low Temperature Option
3 Year Warranty
BCC Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 3 A max at 90 VAC (BCC200)
6 A max at 90 VAC (BCC400)
Inrush Current
• 60 A at 264 VAC +25 °C cold start
Power Factor
• >0.9
Earth Leakage Current
• <1.5 mA at 230 VAC
Input Protection
• Internal T10 A/250 V fuse
Output
Output Power
• See table
Output Voltage
• See table
Output Voltage Trim
• 60% to 110% Vnom
Initial Set Accuracy
• ±1% nominal
Minimum Load
• No minimum load
Hold Up Time
• 10 ms min
Line Regulation
• ±0.5%
Load Regulation
• See table
Ripple & Noise
• <1% pk-pk, 20 MHz bandwidth
Overvoltage Protection
• 105-140% Vnom
(3.3 V version 130-166%)
Overtemperature
• Shuts down at +115 °C baseplate
Protection
temperature, recycle mains to reset
Overload Protection
• 102-140% constant current limiting with
auto recovery
Temperature
• 0.05%/°C
Coefficient
Remote Sense
• Compensates for lead drops of up to
500 mV
Remote On/Off
• A logic ‘0’ on the Remote On/Off
connection electronically disables
the output
Current Share
• Up to 3 power supplies can be connected
in parallel sharing within 10%, total output
power derates by 10%
xppower.com
General
Efficiency
• 80% typical
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
500 VAC Output to Ground
Switching Frequency
• PWM 360 kHz typ, PFC 90 kHz typ
MTBF
• 160 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -20 °C to +70 °C, with baseplate
maintained below +83 °C utilizing system
cooling, -40 °C option available - add
suffix ‘-L’ to model number
Cooling
• Conduction via 6mm baseplate
Operating Humidity
• 20-95% RH, non-condensing. Units can
be conformally coated for high humidity
environments - add suffix ‘-E’
Storage Temperature
• -40 °C to +85 °C
Shock & Vibration
• 2 g 10 min/1 cycle, 10 Hz to 500 Hz,
60 mins each axis
EMC & Safety
Emissions
• EN55022, level B conducted &
level A radiated
Harmonic Currents
• EN61000-3-2, EN61000-3-3
ESD Immunity
• EN61000-4-2, level 3 Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, level 3 Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms,
60% 100 ms, 100% 5000 ms,
Perf Criteria A, B, B
Safety Approvals
• UL60950-1: CSA22.2 No. 60950-1-03,
CE Mark LVD, EN60950-1


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn