Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39S256400DCL-75 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # HYB39S256400DCL-75
Description  256 MBit Synchronous DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39S256400DCL-75 Datasheet(HTML) 2 Page - Infineon Technologies AG

  HYB39S256400DCL-75 Datasheet HTML 1Page - Infineon Technologies AG HYB39S256400DCL-75 Datasheet HTML 2Page - Infineon Technologies AG HYB39S256400DCL-75 Datasheet HTML 3Page - Infineon Technologies AG HYB39S256400DCL-75 Datasheet HTML 4Page - Infineon Technologies AG HYB39S256400DCL-75 Datasheet HTML 5Page - Infineon Technologies AG HYB39S256400DCL-75 Datasheet HTML 6Page - Infineon Technologies AG HYB39S256400DCL-75 Datasheet HTML 7Page - Infineon Technologies AG HYB39S256400DCL-75 Datasheet HTML 8Page - Infineon Technologies AG HYB39S256400DCL-75 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
INFINEON Technologies
2
2002-04-23
HYB39S256400/800/160DT(L)/DC(L)
256MBit Synchronous DRAM
Ordering Information
Pin Description:
Type
Speed Grade
Package
Description
HYB 39S256400DT-6
PC166-333-520
P-TSOP-54-2 (400mil)
166MHz 4B x 16M x 4 SDRAM
HYB 39S256400DT-7
PC133-222-520
P-TSOP-54-2 (400mil)
143MHz 4B x 16M x 4 SDRAM
HYB 39S256400DT-7.5
PC133-333-520
P-TSOP-54-2 (400mil)
133MHz 4B x 16M x 4 SDRAM
HYB 39S256400DT-8
PC100-222-620
P-TSOP-54-2 (400mil)
125MHz 4B x 16M x 4 SDRAM
HYB 39S256800DT-6
PC166-333-520
P-TSOP-54-2 (400mil)
166MHz 4B x 8M x 8 SDRAM
HYB 39S256800DT-7
PC133-222-520
P-TSOP-54-2 (400mil)
143MHz 4B x 8M x 8 SDRAM
HYB 39S256800DT-7.5
PC133-333-520
P-TSOP-54-2 (400mil)
133MHz 4B x 8M x 8 SDRAM
HYB 39S256800DT-8
PC100-222-620
P-TSOP-54-2 (400mil)
125MHz 4B x 8M x 8 SDRAM
HYB 39S256160DT-6
PC166-333-520
P-TSOP-54-2 (400mil)
166MHz 4B x 4M x 16 SDRAM
HYB 39S256160DT-7
PC133-222-520
P-TSOP-54-2 (400mil)
143MHz 4B x 4M x 16 SDRAM
HYB 39S256160DT-7.5
PC133-333-520
P-TSOP-54-2 (400mil)
133MHz 4B x 4M x 16 SDRAM
HYB 39S256160DT-8
PC100-222-620
P-TSOP-54-2 (400mil)
125MHz 4B x 4M x 16 SDRAM
HYB39S256800DTL-x
P-TSOP-54-2 (400mil)
4B x 8M x 8 SDRAM Low Power
Versions (on request)
HYB39S256160DTL-x
P-TSOP-54-2 (400mil)
4B x 4M x 16 SDRAM Low Power
Versions (on request)
HYB39S256xx0DC(L)-x
P-TFBGA-54
(on request)
CLK
Clock Input
DQx
Data Input /Output
CKE
Clock Enable
DQM, LDQM, UDQM
Data Mask
CS
Chip Select
VDD
Power (+3.3V)
RAS
Row Address Strobe
VSS
Ground
CAS
Column Address Strobe
VDDQ
Power for DQ’s (+ 3.3V)
WE
Write Enable
VSSQ
Ground for DQ’s
A0-A12
Address Inputs
NC
not connected
BA0, BA1
Bank Select


Similar Part No. - HYB39S256400DCL-75

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S256400DCL-75 INFINEON-HYB39S256400DCL-75 Datasheet
630Kb / 28P
   256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
More results

Similar Description - HYB39S256400DCL-75

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
logo
Siemens Semiconductor G...
HYB39S256400 SIEMENS-HYB39S256400 Datasheet
425Kb / 56P
   256 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S256400D INFINEON-HYB39S256400D Datasheet
630Kb / 28P
   256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
logo
Qimonda AG
HYB39S256407FE QIMONDA-HYB39S256407FE Datasheet
1Mb / 27P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L256160AC INFINEON-HYB39L256160AC Datasheet
632Kb / 48P
   256 MBit Synchronous Low-Power DRAM
2002-12-20
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com