Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39S256160DC-75 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # HYB39S256160DC-75
Description  256-MBit Synchronous DRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39S256160DC-75 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button HYB39S256160DC-75 Datasheet HTML 5Page - Infineon Technologies AG HYB39S256160DC-75 Datasheet HTML 6Page - Infineon Technologies AG HYB39S256160DC-75 Datasheet HTML 7Page - Infineon Technologies AG HYB39S256160DC-75 Datasheet HTML 8Page - Infineon Technologies AG HYB39S256160DC-75 Datasheet HTML 9Page - Infineon Technologies AG HYB39S256160DC-75 Datasheet HTML 10Page - Infineon Technologies AG HYB39S256160DC-75 Datasheet HTML 11Page - Infineon Technologies AG HYB39S256160DC-75 Datasheet HTML 12Page - Infineon Technologies AG HYB39S256160DC-75 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
HYB39S256[40/80/16]0D[C/T](L)
256-MBit Synchronous DRAM
Pin Configuration
Data Sheet
9
Rev. 1.02, 2004-02
10072003-13LE-FGQQ
2.2
Package P–TSOPII–54
Figure 1
Pinouts P–TSOPII–54
V
DD VSS
Supply –
Power and Ground
Power and ground for the input buffers and the core logic (3.3 V)
V
DDQ VSSQ
Supply –
Power and Ground for DQs
Isolated power supply and ground for the output buffers to provide
improved noise immunity.
NC
Not Connected
No internal electrical connection is present.
Table 3
Signal Pin Description
Pin
Type
Signal Polarity Function
SPP04126
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
V
DD
DQ0
A10/AP
A0
A1
A2
A3
V
DD
V
DDQ
DQ1
DQ2
V
SSQ
DQ3
DQ4
V
DDQ
DQ5
DQ6
V
SSQ
DQ7
V
DD
LDQM
CAS
WE
RAS
CS
BA0
BA1
BA1
BA0
CS
RAS
WE
CAS
N.C.
V
DD
N.C.
V
SSQ
DQ3
N.C.
V
DDQ
DQ2
N.C.
V
SSQ
DQ1
N.C.
V
DDQ
V
DD
A3
A2
A1
A0
A10/AP
DQ0
V
DD
V
DD
BA1
BA0
CS
RAS
WE
CAS
N.C.
V
DD
N.C.
V
SSQ
DQ1
N.C.
V
DDQ
N.C.
N.C.
V
SSQ
DQ0
N.C.
V
DDQ
V
DD
A3
A2
A1
A0
A10/AP
N.C.
V
SS
N.C.
A8
A7
A6
A5
A4
V
SS
V
SSQ
N.C.
DQ3
V
DDQ
N.C.
N.C.
V
SSQ
N.C.
DQ2
V
DDQ
N.C.
V
SS
N.C.
CLK
DQM
CKE
A12
A11
A9
A9
A11
A12
CKE
DQM
CLK
N.C.
V
SS
N.C.
V
DDQ
DQ4
N.C.
V
SSQ
DQ5
N.C.
V
DDQ
DQ6
N.C.
V
SSQ
V
SS
A4
A5
A6
A7
A8
DQ7
V
SS
V
SS
A9
A11
A12
CKE
UDQM
CLK
N.C.
V
SS
DQ8
V
DDQ
DQ9
DQ10
V
SSQ
DQ11
DQ12
V
DDQ
DQ13
DQ14
V
SSQ
V
SS
A4
A5
A6
A7
A8
DQ15
TSOPII-54 (400 mil x 875 mil, 0.8 mm pitch)
64 M x 4
32 M x 8
16 M x 16


Similar Part No. - HYB39S256160DC-75

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S256160DC-75 INFINEON-HYB39S256160DC-75 Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
More results

Similar Description - HYB39S256160DC-75

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
logo
Siemens Semiconductor G...
HYB39S256400 SIEMENS-HYB39S256400 Datasheet
425Kb / 56P
   256 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S256400DT INFINEON-HYB39S256400DT Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
logo
Qimonda AG
HYB39S256407FE QIMONDA-HYB39S256407FE Datasheet
1Mb / 27P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L256160AC INFINEON-HYB39L256160AC Datasheet
632Kb / 48P
   256 MBit Synchronous Low-Power DRAM
2002-12-20
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200D ISSI-IS42S83200D Datasheet
1Mb / 63P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com