Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805C333J5RACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0805C333J5RACTU
Description  Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.033 uF, /-5% Tol, 50 V, X7R, 0805 (2012 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0805C333J5RACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0805C333J5RACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 1/06/2016 - 29363bbb-e0ac-41e7-b70b-ed0c189304ad
KEMET Part Number: C0805C333J5RACTU
(C0805C333J5RAC7800)
Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.033 uF, +/-5% Tol, 50 V, X7R, 0805 (2012 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
2
+/-0.2
W
1.25
+/-0.2
T
0.78
+/-0.10
B
0.5
+/-0.25
S
0.75
MIN
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Paper Tape
Package Quantity: 4000
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 0805 (2012 metric)
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, Temperature
Stable, Class II
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 0.033 uF
Voltage: 50 V
Tolerance: +/-5%
Temperature Range: -55/+125C
Dissipation Factor: 2.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 30.3 GOhm
Dielectric Strength: 125 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0805C333J5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C333J5JACTU KEMET-C0805C333J5JACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.033 uF, 5%, 50 V, 0805, U2J, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0805C333J5RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C333J3RACTU KEMET-C0805C333J3RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.033 uF, /-5% Tol, 25 V, X7R, 0805 (2012 metric)
C0805C273J5RACTU KEMET-C0805C273J5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.027 uF, /-5% Tol, 50 V, X7R, 0805 (2012 metric)
C0805C153J5RACTU KEMET-C0805C153J5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.015 uF, /-5% Tol, 50 V, X7R, 0805 (2012 metric)
C0805C223J5RACTU KEMET-C0805C223J5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.022 uF, /-5% Tol, 50 V, X7R, 0805 (2012 metric)
C0805C105M5RACTU KEMET-C0805C105M5RACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 1 uF, /-20% Tol, 50 V, X7R, 0805 (2012 metric)
C0805C123K5RACTU KEMET-C0805C123K5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.012 uF, /-10% Tol, 50 V, X7R, 0805 (2012 metric)
C0805C563K5RACTU KEMET-C0805C563K5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.056 uF, /-10% Tol, 50 V, X7R, 0805 (2012 metric)
C0805C124K5RACTU KEMET-C0805C124K5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.12 uF, /-10% Tol, 50 V, X7R, 0805 (2012 metric)
C0805C104J1RACTU KEMET-C0805C104J1RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.1 uF, /-5% Tol, 100 V, X7R, 0805 (2012 metric)
C0805C104J3RACTU KEMET-C0805C104J3RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Temperature Stable, Class II, 0.1 uF, /-5% Tol, 25 V, X7R, 0805 (2012 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com