Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HYS64V16300GU Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. HYS64V16300GU
Description  3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

HYS64V16300GU Datasheet(HTML) 5 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
HYS 64/72V16300/32220GU
SDRAM-Modules
INFINEON Technologies
5
9.01
Block Diagram for 16M x 64/72 SDRAM DIMM Modules (HYS 64/72V16300GU)
DQ0-DQ7
DQM
WE
D0
CS0
WE
DQ(7:0)
DQMB0
DQ0-DQ7
DQ(39:32)
DQMB4
DQM
D4
DQ0-DQ7
DQ(15:8)
DQMB1
DQM
D1
CS
DQ0-DQ7
DQ(47:40)
DQMB5
DQM
D5
DQ0-DQ7
CB(7:0)
DQM
CS
D8
DQ0-DQ7
DQ0-DQ7
DQ(31:24)
DQMB3
DQ(23:16)
DQMB2
DQM
DQM
CS2
CS
CS
CS
D3
D2
DQMB7
DQ(63:56)
DQMB6
DQ(55:48)
CS
D7
D6
DQ0-DQ7
DQM
DQ0-DQ7
DQM
A0-A11, BA0, BA1
D0-D7, (D8)
CC
V
SS
V
C0-C15, (C16, C17)
D0-D7, (D8)
RAS
D0-D7, (D8)
D0-D7, (D8)
CAS
Clock Wiring
16 M x 64
16 M x 72
CLK0
4 SDRAM+ 3.3 pF
5 SDRAM
Termination
Termination
CLK1
4 SDRAM+ 3.3 pF
4 SDRAM+ 3.3 pF
CLK2
CLK3
47 k
SCL
SCL
2
SA0
SA1
SA2
E PROM (256 word x 8 Bit)
SA1
SA0
SA2
SDA
WP
CS
CS
WE
WE
WE
WE
CS
WE
WE
WE
WE
D0-D7, (D8)
CKE0
D0-D7, (D8)
Termination
Termination
Note: D8 is only used in the x72 ECC version and
all resistor values are 10 Ohm except
otherwise noted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn