Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64V16200GDL Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # HYS64V16200GDL
Description  144 pin SO-DIMM SDRAM Modules
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64V16200GDL Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button HYS64V16200GDL Datasheet HTML 8Page - Infineon Technologies AG HYS64V16200GDL Datasheet HTML 9Page - Infineon Technologies AG HYS64V16200GDL Datasheet HTML 10Page - Infineon Technologies AG HYS64V16200GDL Datasheet HTML 11Page - Infineon Technologies AG HYS64V16200GDL Datasheet HTML 12Page - Infineon Technologies AG HYS64V16200GDL Datasheet HTML 13Page - Infineon Technologies AG HYS64V16200GDL Datasheet HTML 14Page - Infineon Technologies AG HYS64V16200GDL Datasheet HTML 15Page - Infineon Technologies AG HYS64V16200GDL Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
HYS64V16200GDL/HYS64V32220GDL
144 pin SO-DIMM SDRAM Modules
INFINEON Technologies
15
9.01
Change List
6.99
First and preliminary version, -8A only
19.1.2000
-7.5 and -8 speed sorts added
19.7.2000
CKE1 added to the block diagram
24.7.2000
GDL versions added for 256Mbit S17-C2 with 1.5mA ICC6 per
component
25.7.2000
-8A speed sort removed
backward compatibility for “C2” base modules clarifed
5.9.2000
ICC6 changed from 6mA to 6.8 mA per memory bank after
the component datasheet for 256M S17 changed from 1.5 to
1.7 mA
ICC2PS changed from 16 to 8 mA
24.11.2000
ICC6 changed from 6.8 to 7.2 mA
(Request from Axel Hahn and Uwe Fritsch)
Component datasheet unchanged at ICC6=1.7mA
Preliminary Capacitance Values added
15.12.2000
All reference to older versions based on 256M S20 removed
5.3.2001
ICC currents, where wrong and have been corrected according
to the latest 256M S17 datasheet
9.07.2001
HYS64V16200GL-7/-7.5 and -8 added
HYS64V1632220GDL-7 added
6.09.2001
SCR : Absolute Maximum Ratings Table added


Similar Part No. - HYS64V16200GDL

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64V16200GU-8 SIEMENS-HYS64V16200GU-8 Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
HYS64V16200GU-8B SIEMENS-HYS64V16200GU-8B Datasheet
84Kb / 17P
   3.3 V 16M x 64/72-Bit SDRAM Modules 3.3 V 32M x 64/72-Bit SDRAM Modules 3.3 V 64M x 64/72-Bit SDRAM Modules
More results

Similar Description - HYS64V16200GDL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64V8200GDL INFINEON-HYS64V8200GDL Datasheet
248Kb / 15P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V64220GBDL INFINEON-HYS64V64220GBDL Datasheet
456Kb / 13P
   144 pin SO-DIMM SDRAM Modules
2002-08-06
logo
Qimonda AG
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL_1 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
logo
Hynix Semiconductor
HYMP112S64MP8 HYNIX-HYMP112S64MP8 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
logo
Qimonda AG
HYS64T32000HM QIMONDA-HYS64T32000HM Datasheet
2Mb / 44P
   214-Pin Micro-DIMM-DDR2-SDRAM Modules
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com