Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64V8200GDL Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # HYS64V8200GDL
Description  144 pin SO-DIMM SDRAM Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64V8200GDL Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button HYS64V8200GDL Datasheet HTML 7Page - Infineon Technologies AG HYS64V8200GDL Datasheet HTML 8Page - Infineon Technologies AG HYS64V8200GDL Datasheet HTML 9Page - Infineon Technologies AG HYS64V8200GDL Datasheet HTML 10Page - Infineon Technologies AG HYS64V8200GDL Datasheet HTML 11Page - Infineon Technologies AG HYS64V8200GDL Datasheet HTML 12Page - Infineon Technologies AG HYS64V8200GDL Datasheet HTML 13Page - Infineon Technologies AG HYS64V8200GDL Datasheet HTML 14Page - Infineon Technologies AG HYS64V8200GDL Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
HYS64V8200GDL/HYS64V16220GDL
144 pin SO-DIMM SDRAM Modules
INFINEON Technologies
13
9.01
Package Outlines
64 MByte SO-DIMM Module package (JEDEC MO-190)
(144 pin, dual read-out, single in-line memory module)
HYS64V8200GDL
Note: All tol eran ces accord ing to JEDEC stan dard
L-DIM-144-10
67,6
63,6
3.3
23.2
3.8 max.
1
3.7
1
1.8
4
59
61
143
32.8
2.6
4.6
2
60
62
144
1.5
Detail of Chamfer
0.2 -0.15
0.8
Detail of Contacts
0.6
0.1
±
0.15
±


Similar Part No. - HYS64V8200GDL

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYS64V8200GU-10 SIEMENS-HYS64V8200GU-10 Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
HYS64V8200GU-8 SIEMENS-HYS64V8200GU-8 Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
HYS64V8200GU-8B SIEMENS-HYS64V8200GU-8B Datasheet
84Kb / 17P
   3.3 V 8M x 64/72-Bit 1 Bank SDRAM Module 3.3 V 16M x 64/72-Bit 2 Bank SDRAM Module
More results

Similar Description - HYS64V8200GDL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64V16200GDL INFINEON-HYS64V16200GDL Datasheet
263Kb / 16P
   144 pin SO-DIMM SDRAM Modules
2001.09
HYS64V64220GBDL INFINEON-HYS64V64220GBDL Datasheet
456Kb / 13P
   144 pin SO-DIMM SDRAM Modules
2002-08-06
logo
Qimonda AG
HYS64T256020EDL QIMONDA-HYS64T256020EDL Datasheet
3Mb / 51P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL_1 Datasheet
4Mb / 79P
   200-Pin SO-DIMM DDR2 SDRAM Modules
HYS64T32X00EDL QIMONDA-HYS64T32X00EDL Datasheet
4Mb / 86P
   200-Pin SO-DIMM DDR2 SDRAM Modules
logo
Hynix Semiconductor
HYMP112S64MP8 HYNIX-HYMP112S64MP8 Datasheet
405Kb / 17P
   DDR2 SDRAM SO-DIMM
logo
Qimonda AG
HYS64T32000HM QIMONDA-HYS64T32000HM Datasheet
2Mb / 44P
   214-Pin Micro-DIMM-DDR2-SDRAM Modules
logo
Elpida Memory
EBE10UE8AFSA ELPIDA-EBE10UE8AFSA Datasheet
264Kb / 29P
   1GB DDR2 SDRAM SO-DIMM
EBE21UE8AFSA ELPIDA-EBE21UE8AFSA Datasheet
259Kb / 29P
   2GB DDR2 SDRAM SO-DIMM
EBE11UD8AGUA ELPIDA-EBE11UD8AGUA Datasheet
202Kb / 24P
   1GB DDR2 SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com