Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64D128320GU-6-A Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # HYS64D128320GU-6-A
Description  2.5 V 184-pin Unbuffered DDR-I SDRAM Modules
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64D128320GU-6-A Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button HYS64D128320GU-6-A Datasheet HTML 9Page - Infineon Technologies AG HYS64D128320GU-6-A Datasheet HTML 10Page - Infineon Technologies AG HYS64D128320GU-6-A Datasheet HTML 11Page - Infineon Technologies AG HYS64D128320GU-6-A Datasheet HTML 12Page - Infineon Technologies AG HYS64D128320GU-6-A Datasheet HTML 13Page - Infineon Technologies AG HYS64D128320GU-6-A Datasheet HTML 14Page - Infineon Technologies AG HYS64D128320GU-6-A Datasheet HTML 15Page - Infineon Technologies AG HYS64D128320GU-6-A Datasheet HTML 16Page - Infineon Technologies AG HYS64D128320GU-6-A Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
HYS64/72D64000/128020GU-7/8-A
Unbuffered DDR-I SDRAM-Modules
INFINEON Technologies
13
2002-09-10 (rev.0.81)
Electrical Characteristics & AC Timing for DDR-I components
(for reference only)
(0
°C ≤ T
A ≤ 70 °C; VDDQ =2.5V ± 0.2V; VDD =2.5V ± 0.2V)
Symbol
Parameter
DDR333
-6
DDR266A
-7
DDR200
-8
Unit
Notes
Min
Max
Min
Max
Min
Max
t
AC
DQ output access time from CK/CK
− 0.7
+ 0.7
− 0.75
+ 0.75
− 0.8
+ 0.8
ns
1-4
t
DQSCK
DQS output access time from CK/CK
− 0.7
+ 0.7
− 0.75
+ 0.75
− 0.8
+ 0.8
ns
1-4
t
CH
CK high-level width
0.45
0.55
0.45
0.55
0.45
0.55
t
CK
1-4
t
CL
CK low-level width
0.45
0.55
0.45
0.55
0.45
0.55
t
CK
1-4
t
HP
Clock Half Period
min (t
CL, tCH)
min (t
CL, tCH)
min (t
CL, tCH)
ns
1-4
t
CK
Clock cycle time
CL = 2.5
612
7
12812
ns
1-4
t
CK
CL = 2.0
7.5
12
7.5
12
10
12
ns
1-4
t
DH
DQ and DM input hold time
0.45
0.5
0.6
ns
1-4
t
DS
DQ and DM input setup time
0.45
0.5
0.6
ns
1-4
t
IPW
Control and Addr. input pulse width (each
input)
2.2
2.2
2.5
ns
1, 10
t
DIPW
DQ and DM input pulse width (each input)
1.75
1.75
2
ns
1-4,
11
t
HZ
Data-out high-impedence time from CK/CK
− 0.7
+ 0.7
− 0.75
+ 0.75
− 0.8
+ 0.8
ns
1-4, 5
t
LZ
Data-out low-impedence time from CK/CK
− 0.7
+ 0.7
− 0.75
+ 0.75
− 0.8
+ 0.8
ns
1-4, 5
t
DQSS
Write command to 1st DQS latching transition
0.75
1.25
0.75
1.25
0.75
1.25
t
CK
1-4
t
DQSQ
DQS-DQ skew
(for DQS & associated DQ signals)
+ 0.4
+ 0.5
+ 0.6
ns
1-4
t
QHS
Data hold skew factor
+ 0.55
+ 0.75
+ 1.0
ns
1-4
t
QH
Data Output hold time from DQS
t
HP-tQHS
t
HP-tQHS
t
HP-tQHS
ns
1-4
t
DQSL,H
DQS input low (high) pulse width (write cycle)
0.35
0.35
0.35
t
CK
1-4
t
DSS
DQS falling edge to CK setup time (write
cycle)
0.2
0.2
0.2
t
CK
1-4
t
DSH
DQS falling edge hold time from CK (write
cycle)
0.2
0.2
0.2
t
CK
1-4
t
MRD
Mode register set command cycle time
12
14
16
ns
1-4
t
WPRES
Write preamble setup time
0
0
0
ns
1-4, 7
t
WPST
Write postamble
0.40
0.60
0.40
0.60
0.40
0.60
t
CK
1-4, 6
t
WPRE
Write preamble
0.25
0.25
0.25
t
CK
1-4
t
IS
Address and control
input setup time
fast slew rate
0.75
0.9
1.1
ns
2-4,
10,11
slow slew rate
1.0
1.1
ns
t
IH
Address and control
input hold time
fast slew rate
0.75
0.9
1.1
ns
slow slew rate
1.0
1.1
ns
t
RPRE
Read preamble
0.9
0.9
1.1
0.9
1.1
t
CK
1-4
t
RPST
Read postamble
0.40
0.40
0.60
0.40
0.60
t
CK
1-4
t
RAS
Active to Precharge command
42
45
120,000
50
120,000
ns
1-4
t
RC
Active to Active/Auto-refresh command period
60
65
70
ns
1-4


Similar Part No. - HYS64D128320GU-6-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D128320GU-6-B INFINEON-HYS64D128320GU-6-B Datasheet
1Mb / 40P
   184-Pin Unbuffered Dual-In-Line Memory Modules
Rev. 1.0, May. 2004
logo
Qimonda AG
HYS64D128320GU-6-B QIMONDA-HYS64D128320GU-6-B Datasheet
2Mb / 42P
   42184-Pin Unbuffered Double-Data-Rate Memory Modules
More results

Similar Description - HYS64D128320GU-6-A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS72D32000GR-7-B INFINEON-HYS72D32000GR-7-B Datasheet
418Kb / 23P
   2.5 V 184-pin Registered DDR-I SDRAM Modules
2002-09-10 rev. 0.91
HYS72D128020GR-8-A INFINEON-HYS72D128020GR-8-A Datasheet
315Kb / 25P
   2.5 V 184-pin Registered DDR-I SDRAM Modules
2002-05-08 (revision 1.0)
logo
List of Unclassifed Man...
NT256D64S88B1G ETC1-NT256D64S88B1G Datasheet
358Kb / 28P
   184 pin Unbuffered DDR DIMM
logo
Infineon Technologies A...
HYS64D16000GU-7-A INFINEON-HYS64D16000GU-7-A Datasheet
881Kb / 30P
   Unbuffered DDR SDRAM-Modules
Rev. 1.03, Jan. 2004
HYS64D16020GD INFINEON-HYS64D16020GD Datasheet
963Kb / 22P
   Unbuffered DDR SDRAM SO Modules
Rev. 1.02, Jan. 2004
logo
Qimonda AG
HYS64D32301HU QIMONDA-HYS64D32301HU Datasheet
1Mb / 39P
   184-Pin Unbuffered Double Data Rate SDRAM
logo
Infineon Technologies A...
HYS64D16301GU5C INFINEON-HYS64D16301GU5C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
HYS64D16301HU-5-C INFINEON-HYS64D16301HU-5-C Datasheet
937Kb / 35P
   184-Pin Unbuffered Dual-In-Line Memory Modules
V1.0, July 2003
HYS64D16301GU INFINEON-HYS64D16301GU Datasheet
1Mb / 51P
   184-Pin Unbuffered Dual-In-Line Memory Modules
V1.1, July 2003
HYS64D64300GU INFINEON-HYS64D64300GU Datasheet
1Mb / 40P
   184-Pin Unbuffered Dual-In-Line Memory Modules
Rev. 1.0, May. 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com