Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSCQ110100 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSCQ110100
Description  Compact Two-way, Two-step Detection Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSCQ110100 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSCQ110100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSCQ110100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSCQ110100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
31
31
Industry’s smallest two-step detector switch
takes up 30% less space than existing products
Compact Two-way, Two-step Detection Type
SSCQ
Full Stroke position
(3.73)Full Stroke position
 (Sideward direction)
(2.47)2nd ON Starting position
(Sideward direction)
(0.89)1st ON starting position
(Sideward direction)
1st ON starting position
2nd ON Starting position
Free position
Terminal No.⑥
Terminal No.⑤
Terminal No.④
Center of
lever rotation
0.7
Terminal No.①
Terminal No.②
Terminal No.③
3.8
4.55
A
12.5°±5° 37°±5°
65.5°±5°
1.4
1.21
0.9
0.4
1.7±0.05
Dimensions drawing is for type with location lugs.
Note
Product Line
For PC board
(Reflow)
3.73
With
Without
Terminal type
Total travel
(mm)
Location lug
Product No.
SSCQ110100
SSCQ120102
Export
Minimum order unit(pcs.)
Japan
4,000
16,000
Poles
1
Two-direction type:
2-position
each side
Positions
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
1mA 5V DC / 50BA 3V DC
Contact resistance
(Initial / After operating life)
2Ω max. / 5Ω max.
Operating force
0.35N max.
Operating life
Without load
50,000cycles
With load
50,000cycles(1mA 5V DC)
Unit:mm
Dimensions
Style
PC board mounting hole
dimensions
b
a
(COM)
(COM)1
2
3
6
5
4
Terminal Layout
b
a
3
4
1
2
5
6
Circuit Diagram
With boss
Refer to P.71 for soldering conditions.
4.8
3.4
1.7
3.32
4.4
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
4,000
8,000
16,000
16
417×409×139


Similar Part No. - SSCQ110100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SSC MACOM-SSC Datasheet
164Kb / 1P
   Specification Grade Discrete Plug-in
logo
Honeywell Solid State E...
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,60 mbar to 10 bar
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
More results

Similar Description - SSCQ110100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSCM ALPS-SSCM_15 Datasheet
851Kb / 3P
   Compact Two-way Detection Type
SSCM ALPS-SSCM Datasheet
232Kb / 3P
   Compact Two-way Detection Type
SSCF ALPS-SSCF_15 Datasheet
962Kb / 4P
   Two-way Detection Type
SSCF ALPS-SSCF Datasheet
236Kb / 3P
   Two-way Detection Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
   Compact Two-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
   Compact Two-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
   Compact Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
   Compact Two-way Operation Type
SSCL ALPS-SSCL Datasheet
1Mb / 3P
   Two-way Detection Type with Female Connector Terminal
SSCW ALPS-SSCW_15 Datasheet
826Kb / 3P
   Two-way Detection Type with Female Connector Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com