Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL3N10F7 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL3N10F7
Description  N-channel enhancement mode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL3N10F7 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL3N10F7 Datasheet HTML 2Page - STMicroelectronics STL3N10F7 Datasheet HTML 3Page - STMicroelectronics STL3N10F7 Datasheet HTML 4Page - STMicroelectronics STL3N10F7 Datasheet HTML 5Page - STMicroelectronics STL3N10F7 Datasheet HTML 6Page - STMicroelectronics STL3N10F7 Datasheet HTML 7Page - STMicroelectronics STL3N10F7 Datasheet HTML 8Page - STMicroelectronics STL3N10F7 Datasheet HTML 9Page - STMicroelectronics STL3N10F7 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STL3N10F7
6/13
DocID025948 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Gate charge vs gate-source voltage
Figure 7. Static drain-source on-resistance
ID
10
1
0.1
0.01
0.1
1
VDS(V)
10
(A)
Operation in this area is
Limited by max RDS(on)
100
μs
1ms
10ms
Tj=150°C
Tpcb=25°C
Sinlge
pulse
GIPG230120140925SA
Single pulse
δ=0.5
0.05
0.02
0.01
0.1
0.2
K
10
tp(s)
-4
10
-3
10
-2
10
-1
10
-5
10
-3
10
-2
10
-1
10
0
pcb
GIPG230120140958SA
ID
18
12
6
0
0
4
VDS(V)
(A)
26
24
30
6 V
5 V
7 V
8 V
9 V
VGS= 10 V
8
GIPG200120141028FSR
ID
15
10
5
0
4
VGS(V)
(A)
26
20
25
30
VDS= 9V
10
8
GIPG200120141040FSR
VGS
6
4
2
0
4
QG(nC)
(V)
26
8
10
12
VDD= 50V
ID= 4A
10
8
GIPG200120141048FSR
RDS(on)
62
61.6
61.2
60.8
0.5
1.5
ID(A)
(m
Ω)
1
2
62.4
VGS=10V
2.5
GIPG210120141012FSR


Similar Part No. - STL3N10F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL3N65M2 STMICROELECTRONICS-STL3N65M2 Datasheet
318Kb / 13P
   N-channel 650 V, 1.6 typ., 2.3 A MDmesh M2 Power MOSFET in a PowerFLAT 3.3x3.3 HV package
May 2022 Rev 4
STL3NK40 STMICROELECTRONICS-STL3NK40 Datasheet
807Kb / 16P
   N-channel 400 V, 4.5 typ., 0.43 A, SuperMESH Power MOSFET in a PowerFLAT 5x5 package
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
More results

Similar Description - STL3N10F7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com