Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYS64D16301GU Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # HYS64D16301GU
Description  184-Pin Unbuffered Dual-In-Line Memory Modules
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYS64D16301GU Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button HYS64D16301GU Datasheet HTML 10Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 11Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 12Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 13Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 14Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 15Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 16Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 17Page - Infineon Technologies AG HYS64D16301GU Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
HYS[64/72]D[16x01/32x00/64x20][G/E]U-[5/6/7/8]-B
Unbuffered DDR SDRAM Modules
Pin Configuration
Data Sheet
14
V1.1, 2003-07
DQ4
DQ5
DQ6
DQ7
DQ0
DQ1
DQ2
DQ3
DM
I/O 0
I/O 1
I/O 2
I/O 3
D0
DM0/DQS9
I/O 4
I/O 5
I/O 6
I/O 7
DQ12
DQ13
DQ14
DQ8
DQ9
DQ10
DQ11
DM
I/O 0
I/O 1
I/O 2
I/O 3
D1
I/O 4
I/O 5
I/O 6
DM1/DQS10
DQ20
DQ21
DQ22
DQ23
DQ16
DQ17
DQ18
DQ19
DM
I/O 0
I/O 1
I/O 2
I/O 3
D2
I/O 4
I/O 5
I/O 6
I/O 7
DM2/DQS11
DQ28
DQ29
DQ30
DQ31
DQ24
DQ25
DQ26
DQ27
DM
I/O 0
I/O 1
I/O 2
I/O 3
D3
I/O 4
I/O 5
I/O 6
I/O 7
DM3/DQS12
DQ36
DQ37
DQ38
DQ39
DQ32
DQ33
DQ34
DQ35
DM
I/O 0
I/O 1
I/O 2
I/O 3
D4
DM4/DQS13
I/O 4
I/O 5
I/O 6
I/O 7
DQ44
DQ45
DQ46
DQ47
DQ40
DQ41
DQ42
DQ43
DM
I/O 0
I/O 1
I/O 2
I/O 3
D5
I/O 4
I/O 5
I/O 6
I/O 7
DM5/DQS14
DQ52
DQ53
DQ54
DQ55
DQ48
DQ49
DQ50
DQ51
DM
I/O 0
I/O 1
I/O 2
I/O 3
D6
I/O 4
I/O 5
I/O 6
I/O 7
DQ60
DQ61
DQ62
DQ63
DQ56
DQ57
DQ58
DQ59
DM
I/O 0
I/O 1
I/O 2
I/O 3
D7
I/O 4
I/O 5
I/O 6
I/O 7
DM7/DQS16
A0 - A13
A0-A13: SDRAMs D0 - D8
A0
Serial PD
A1
A2
SA0
SA1
SA2
SDA
RAS
RAS: SDRAMs D0 - D8
CAS
CAS: SDRAMs D0 - D8
CKE0
CKE: SDRAMs D0 - D8
WE
WE: SDRAMs D0 - D8
S0
S
S
S
S
S
S
S
S
BA0 - BA1
BA0-BA1: SDRAMs D0 - D8
DQS0
DQS
DQS4
DQS1
DQS5
DQS
DQS2
DQS
DQS3
DQS
DM6/DQS15
DQS6
DQS7
DQ15
I/O 7
CB4
CB5
CB6
CB7
CB0
CB1
CB2
CB3
DM
I/O 0
I/O 1
I/O 2
I/O 3
D8
I/O 4
I/O 5
I/O 6
I/O 7
S
DQS8
DM8/DQS17
DQS
DQS
DQS
DQS
DQS
* Clock Wiring
*CK0/CK0
Clock
Input
SDRAMs
*CK1/CK1
3 SDRAMs
3 SDRAMs
3 SDRAMs
* Wire per Clock Loading
Table/Wiring Diagrams
*CK2/CK2
VSS
D0 - D8
VDD/VDDQ
D0 - D8
D0 - D8
VREF
VDDID
Strap: see Note 4
Notes:
1. DQ-to-I/O wiring is shown as recommended
but may be changed.
2. DQ/DQS/DM/CKE/S relationships must be
maintained as shown.
3. DQ, DQS, DM/DQS resistors: 22 ohms ± 5%.
4. VDDID strap connections
(for memory device VDD, VDDQ):
STRAP OUT (OPEN): VDD = VDDQ
STRAP IN (VSS): VDD ≠ VDDQ.
5. BAx, Ax, RAS, CAS, WE resistors: 5.1 ohm
+5%
SCL
WP
SPD
VDDSPD
Figure 4
Block Diagram - One Rank 32M
× 72 DDR-I SDRAM DIMM HYS72D32x00GU using × 8
organized SDRAMs


Similar Part No. - HYS64D16301GU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D16301GU-5-C INFINEON-HYS64D16301GU-5-C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
HYS64D16301GU-6-C INFINEON-HYS64D16301GU-6-C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
HYS64D16301GU5C INFINEON-HYS64D16301GU5C Datasheet
976Kb / 42P
   184-Pin Unbuffered Double Data Rate SDRAM
Rev. 1.0, Mar. 2004
More results

Similar Description - HYS64D16301GU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYS64D16301HU-5-C INFINEON-HYS64D16301HU-5-C Datasheet
937Kb / 35P
   184-Pin Unbuffered Dual-In-Line Memory Modules
V1.0, July 2003
HYS64D64300GU INFINEON-HYS64D64300GU Datasheet
1Mb / 40P
   184-Pin Unbuffered Dual-In-Line Memory Modules
Rev. 1.0, May. 2004
HYS64D128320GU-6-A INFINEON-HYS64D128320GU-6-A Datasheet
302Kb / 18P
   2.5 V 184-pin Unbuffered DDR-I SDRAM Modules
2002-09-10 (rev.0.81)
logo
List of Unclassifed Man...
NT256D64S88B1G ETC1-NT256D64S88B1G Datasheet
358Kb / 28P
   184 pin Unbuffered DDR DIMM
logo
Infineon Technologies A...
HYS64D32020GDL INFINEON-HYS64D32020GDL Datasheet
777Kb / 31P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.2, Aug. 2003
HYS64D128021 INFINEON-HYS64D128021 Datasheet
587Kb / 23P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Dez. 2003
HYS64D32020GDL5C INFINEON-HYS64D32020GDL5C Datasheet
874Kb / 30P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.0, Mar. 2004
HYS64D16000 INFINEON-HYS64D16000 Datasheet
571Kb / 24P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 0.5, Nov. 2003
HYS64D64020GBDL INFINEON-HYS64D64020GBDL Datasheet
627Kb / 25P
   200-Pin Small Outline Dual-In-Line Memory Modules
V1.0, Aug. 2003
HYS64D64020GDL INFINEON-HYS64D64020GDL Datasheet
780Kb / 27P
   200-Pin Small Outline Dual-In-Line Memory Modules
Rev. 1.1, May. 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com