Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPVQ320600 Datasheet(PDF) 6 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQ320600
Description  Water-proof Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQ320600 Datasheet(HTML) 6 Page - ALPS ELECTRIC CO.,LTD.

  SPVQ320600 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQ320600 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQ320600 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVQ320600 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVQ320600 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPVQ320600 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPVQ320600 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
14
14
List of Varieties
Detector Switches
Series
Water-proof Type
SPVQ1
SPVQ3
SPVQ4H
SPVQ6
SPVQ7
Photo
Operation type
One-way
Two-way
Two-way
One-way
Two-way
Two-way
Dimensions
(mm)
W
13.3
13
19
13.3
14.7
D
5.8
6
5.3
5.4
H
8
8.35
11.9
7
6.7
Operating temperature range
−40℃ to +85℃
Automotive use
Life cycle (availability)
Poles / Positions
1/2
1/1
1/2
1/2
1/1
1/2
Rating(max.)
(Resistive load)
0.1A 12V DC
0.1A 12V DC or
0.3A 16V DC
0.1A 12V DC
Rating(min.)
(Resistive load)
50μA 3V DC
50μA 5V DC or
1mA 5V DC
1mA 5V DC
50μA 5V DC
Durability
Operating life
without load
300,000cycles
1Ω max.
300,000cycles or
1,200,000cycles
1Ω max.
300,000cycles
1Ω max.
Operating life
with load
Rating(max.)
(Resistive load)
300,000cycles
1Ω max.
300,000cycles
or 1,200,000cycles
1Ω max.
300,000cycles
1Ω max.
Electrical
performance
Initial contact
resistance
500mΩ max.
Insulation
resistance
100MΩ min. 500V DC
Voltage proof
500V AC for 1minute
Mechanical
performance
Terminal
strength
3N for 1minute (with terminal)
Wire strength 30N for 1minute (with wire)
Wire strengh
30N for1 minute
3N for 1minute
Actuator
strength
20N
Environmental
performance
Cold
−40℃ 500h
Dry heat
85℃ 500h
Damp heat
60℃, 90 to 95% RH 500h
Operation force
2N max.
5.9N max.
1±0.5N
3N max.
3N max.
1±0.5N
3N max.
1±0.5N
Page
46
50
55
56
58
Detector Switches Soldering Conditions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 71
Detector Switches Cautions ・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・・ 72
Note
Indicates applicability to all products in the series.


Similar Part No. - SPVQ320600

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
   Water-proof Type
SPVQ350100F ALPS-SPVQ350100F Datasheet
375Kb / 7P
   Water-proof Type
SPVQ350200F ALPS-SPVQ350200F Datasheet
375Kb / 7P
   Water-proof Type
SPVQ350300F ALPS-SPVQ350300F Datasheet
375Kb / 7P
   Water-proof Type
SPVQ350400F ALPS-SPVQ350400F Datasheet
375Kb / 7P
   Water-proof Type
More results

Similar Description - SPVQ320600

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
   Water-proof Type
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
   Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
   Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
   Water-proof Type
SPVQ9 ALPS-SPVQ9 Datasheet
828Kb / 3P
   Water-proof Type
SPVQ4 ALPS-SPVQ4 Datasheet
149Kb / 2P
   Water-proof Type
SPVQ4H ALPS-SPVQ4H Datasheet
897Kb / 3P
   Water-proof Type
SPVQ8 ALPS-SPVQ8 Datasheet
1Mb / 7P
   Water-proof Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com