Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYE18P32160ACL15 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # HYE18P32160ACL15
Description  32M Synchronous Burst CellularRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYE18P32160ACL15 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button HYE18P32160ACL15 Datasheet HTML 7Page - Infineon Technologies AG HYE18P32160ACL15 Datasheet HTML 8Page - Infineon Technologies AG HYE18P32160ACL15 Datasheet HTML 9Page - Infineon Technologies AG HYE18P32160ACL15 Datasheet HTML 10Page - Infineon Technologies AG HYE18P32160ACL15 Datasheet HTML 11Page - Infineon Technologies AG HYE18P32160ACL15 Datasheet HTML 12Page - Infineon Technologies AG HYE18P32160ACL15 Datasheet HTML 13Page - Infineon Technologies AG HYE18P32160ACL15 Datasheet HTML 14Page - Infineon Technologies AG HYE18P32160ACL15 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
Data Sheet
11
V2.0, 2003-12-16
HYE18P32160AC(-/L)9.6/12.5/15
32M Synchronous Burst CellularRAM
Overview
1.4
HYE18P32160AC(-/L)9.6/12.5/15 Ball Definition and Description
Table 2
Ball Description - HYE18P32160AC(-/L)9.6/12.5/15
Ball
Type
Detailed Function
CLK
Input
Clock Signal
In synchronous burst mode, address and command inputs and data are referenced to
CLK. In asynchronous SRAM-type mode the clock signal is ignored. During write
accesses in NOR-Flash operation mode the CLK signal must be clamped to low.
CRE
Input
Control Register Enable
CRE set to high enables the access to the control register map. By applying the SET
CONTROL REGISTER (SCR) command (see Table 3) the address bus is loaded into the
selected control register.
ADV
Input
Address Valid
ADV signals in NOR-Flash and full synchronous mode that a valid address is present on
the address bus. In NOR-Flash read mode and full synchronous mode the address is
latched on the programmed clock edge while ADV is held low. In NOR-Flash write mode
ADV can be used to latch the address, but can be held low as well. In asynchronous
SRAM-type mode ADV needs to be active, it may be tied to active.
CS
Input
Chip Select
CS enables the command decoder when low and disables it when high. When the
command decoder is disabled new commands are ignored, addresses are don’t care and
outputs are forced to high-Z. Internal operations, however, continue. For the details
please refer to the command tables in Chapter 1.6.
OE
Input
Output Enable
OE controls DQ output driver. OE low drives DQ, OE high sets DQ to high-Z.
WE
Input
Write Enable
WE set to low while CS is low initiates a write command.
UB, LB
Input
Upper/Lower Byte Enable
UB enables the upper byte DQ15-8 (resp. LB DQ7 … 0) during read/write operations.
UB (LB) deassertion prevents the upper (lower) byte from being driven during read or
being written.
WAIT
Output
3-state
Wait State Signal
In synchronous mode, WAIT signal indicates the host system when the output data is
valid during read and when the input data should be asserted during write operation.
In asynchronous mode, the signal has to be ignored.
A <20:0>
Input
Address Inputs
During a Control Register Set operation by CRE access, the address inputs define the
register settings.
DQ <15:0>
I/O
Data Input/Output
The DQ signals 0 to 15 form the 16-bit data bus.
1
× V
DD
1
× V
SS
Power
Supply
Power Supply, Core
Power and Ground for the internal logic.
1
× V
DDQ
1
× V
SSQ
Power
Supply
Power Supply, I/O Buffer
Isolated Power and Ground for the output buffers to provide improved noise immunity.
4
× NC
No Connect
Please do not connect. Reserved for future use, i.e. E3: A21, J4: A22, see ballout in
Figure 2 on Page 10.


Similar Part No. - HYE18P32160ACL15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYE18P32161AC INFINEON-HYE18P32161AC Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
HYE18P32161AC-70 INFINEON-HYE18P32161AC-70 Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
HYE18P32161AC-85 INFINEON-HYE18P32161AC-85 Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
HYE18P32161ACL70 INFINEON-HYE18P32161ACL70 Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
HYE18P32161ACL85 INFINEON-HYE18P32161ACL85 Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
More results

Similar Description - HYE18P32160ACL15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYE18P32161AC INFINEON-HYE18P32161AC Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
logo
List of Unclassifed Man...
GS820E32T ETC1-GS820E32T Datasheet
345Kb / 23P
   2M Synchronous Burst SRAM
logo
Emerging Memory & Logic...
EMC646SP16J EMLSI-EMC646SP16J Datasheet
602Kb / 65P
   4Mx16 bit CellularRAM
EMC326SP16AJ EMLSI-EMC326SP16AJ Datasheet
612Kb / 64P
   2Mx16 bit CellularRAM
logo
SPANSION
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
logo
Etron Technology, Inc.
EM63B165TS-5ISG ETRON-EM63B165TS-5ISG Datasheet
1Mb / 53P
   32M x 16 bit Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C32M16D1A ALSC-AS4C32M16D1A Datasheet
1Mb / 64P
   32M x 16 bit DDR Synchronous DRAM
logo
Etron Technology, Inc.
EM6AB160TSE-4G ETRON-EM6AB160TSE-4G Datasheet
560Kb / 62P
   32M x 16 bit DDR Synchronous DRAM
logo
Samsung semiconductor
K5N1229ACD-BQ12 SAMSUNG-K5N1229ACD-BQ12 Datasheet
2Mb / 128P
   512Mb (32M x16) Muxed Burst, Multi Bank SLC NOR Flash
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com