Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPVQ810600 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVQ810600
Description  Water-proof Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVQ810600 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVQ810600 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVQ810600 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVQ810600 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVQ810600 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SPVQ810600 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SPVQ810600 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. SPVQ810600 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
60
60
SPVQ8
Industry's smallest size, with main unit dimensions of
8.3×5.3×7mm
Water-proof Type
18
Product Line
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.1A 12V DC / 50μA 5V DC
Contact resistance
(Initial / After operating life)
500mΩ max. / 1Ω max.(Standard type)
500mΩ max. / 3Ω max.(Long-life type)
Operating force
1±0.5N
Operating life
Without load
300,000cycles(Standard type)
1,000,000cycles(Long-life type)
With load
300,000cycles(Standard type)
1,000,000cycles(Long-life type)
For Lead
With wire(Downwards)   
With wire(Downwards) 
With wire(Left side)
With wire (from side)
With wire(Downwards) 
With wire(Downwards) 
With wire(Left side)
With wire (from side)
Boss-both sides
For PC board
Angle
For PC board
For Lead
Terminal type
N.O.
Circuit
Drawing
No.
Minimum order unit(pcs) Packing
specifications
type
Japan Export
1,755
400
7,020
1,600
A
B
Poles
1
1
Positions
Main body
form
Boss-both sides
Boss-single side
Without boss
Boss-single
side
Boss-both sides
Boss-single side
Boss-single side
Boss-both sides
For PC board
Press fit
Press fit
Angle
For PC board
N.C.
N.O.
N.C.
11
14
7
12
1
2
3
4
5
6
7
8
1
13
9
14
3
15
4
16
10
17
Boss-single side
Without boss
Boss-single
side
Boss-single side
Boss-both sides
Boss-single side
Boss-both sides
Boss-single side
Boss-both sides
Boss-single side
Boss-both sides
SPVQ820700
SPVQ860200
-
-
SPVQ820800
SPVQ860300
SPVQ821000
SPVQ860500
-
-
-
-
Product No.
Standard type
Long-life type
SPVQ810100
SPVQ630100
SPVQ810400
SPVQ810500
SPVQ810600
SPVQ810300
SPVQ830100
SPVQ630100
SPVQ830400
SPVQ830500
SPVQ830600
SPVQ810700
SPVQ830700
SPVQ810800
SPVQ811000
SPVQ830800
SPVQ831000
SPVQ830300
SPVQ820100
SPVQ850100
SPVQ630100
SPVQ630100
SPVQ820400
SPVQ850300
SPVQ820500
SPVQ850500
SPVQ820600
SPVQ860100
SPVQ820300
SPVQ850200
-
-
SPVQ630100
SPVQ630100
-
-
-
-
-
-
-
-
1. ※ Products with a wire will be supplied as follows.
・Unless specified, the length of the lead wire is 250mm. Color is either red, black or yellow.
Please consult us for length modification.
・Please specify circuits(N.O. or N.C.)for wired(side)types. Unless specified, the circuit will apply N.O.
・Product with wire will be build-to-order.
2. This unit cannot be used in water (IP67 rating, except for terminal).
Notes
Refer to P.71 for soldering conditions.
16
Packing Specifications
Tray
Bulk
Packing
specifications type
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan
1 case /export packing
A
1,755
7,020
540×360×270
Packing
specifications type
Number of packages(pcs.)
Export package
measurements(mm)
1 case /Japan
1 case /export packing
B
400
1,600
555×375×223


Similar Part No. - SPVQ810600

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
   Water-proof Type
SPVQ111200 ALPS-SPVQ111200 Datasheet
225Kb / 5P
   Water-proof Type
SPVQ111200 ALPS-SPVQ111200 Datasheet
941Kb / 6P
   Water-proof Type
SPVQ111400 ALPS-SPVQ111400 Datasheet
225Kb / 5P
   Water-proof Type
SPVQ111500 ALPS-SPVQ111500 Datasheet
225Kb / 5P
   Water-proof Type
More results

Similar Description - SPVQ810600

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVQA ALPS-SPVQA Datasheet
1Mb / 5P
   Water-proof Type
SPVQ6 ALPS-SPVQ6 Datasheet
188Kb / 3P
   Water-proof Type
SPVQ6 ALPS-SPVQ6_15 Datasheet
950Kb / 4P
   Water-proof Type
SPVQ1 ALPS-SPVQ1_15 Datasheet
941Kb / 6P
   Water-proof Type
SPVQ1 ALPS-SPVQ1 Datasheet
225Kb / 5P
   Water-proof Type
SPVQ3 ALPS-SPVQ3 Datasheet
375Kb / 7P
   Water-proof Type
SPVQ7 ALPS-SPVQ7 Datasheet
1Mb / 4P
   Water-proof Type
SPVQ9 ALPS-SPVQ9 Datasheet
828Kb / 3P
   Water-proof Type
SPVQ4 ALPS-SPVQ4 Datasheet
149Kb / 2P
   Water-proof Type
SPVQ4H ALPS-SPVQ4H Datasheet
897Kb / 3P
   Water-proof Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com