Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYE25L256160AC-75 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # HYE25L256160AC-75
Description  256-Mbit Mobile-RAM
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYE25L256160AC-75 Datasheet(HTML) 4 Page - Infineon Technologies AG

  HYE25L256160AC-75 Datasheet HTML 1Page - Infineon Technologies AG HYE25L256160AC-75 Datasheet HTML 2Page - Infineon Technologies AG HYE25L256160AC-75 Datasheet HTML 3Page - Infineon Technologies AG HYE25L256160AC-75 Datasheet HTML 4Page - Infineon Technologies AG HYE25L256160AC-75 Datasheet HTML 5Page - Infineon Technologies AG HYE25L256160AC-75 Datasheet HTML 6Page - Infineon Technologies AG HYE25L256160AC-75 Datasheet HTML 7Page - Infineon Technologies AG HYE25L256160AC-75 Datasheet HTML 8Page - Infineon Technologies AG HYE25L256160AC-75 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
Data Sheet
4
V1.1, 2003-04-16
256-Mbit Mobile-RAM
Mobile-RAM
HYE25L256160AC
1Overview
1.1
Features
•16 Mbits
× 16 organisation
Fully synchronous to positive clock edge
Four internal banks for concurrent operation
Data mask (DM) for byte control with write and read data
Programmable CAS latency: 2 or 3
Programmable burst length: 1, 2, 4, 8, or full page
Programmable wrap sequence: sequential or interleaved
Random column address every clock cycle (1-N rule)
Deep power down mode
Extended mode register for Mobile-RAM features
Temperature compensated self refresh with on-die temperature sensor
Partial array self refresh
Power down and clock suspend mode
Automatic and controlled precharge command
Auto refresh mode (CBR)
8192 refresh cycles / 64 ms
Self-refresh with programmble refresh period
Programmable power reduction feature by partial array activation during self-refresh
V
DDQ = 1.8V or 2.5 V or 3.3 V
V
DD = 2.5 V or 3.3 V
P-TFBGA-54 package 9-by-6-ball array with 3 depopulated rows (12 x 8 mm
2)
Operating temperature range: extended (–25 °C to +85 °C)
1.2
Description
The 256-Mbit Mobile-RAM is a new generation of low power, four bank synchronous DRAM organized as
4 banks x 4 Mbit x 16 with additional features for mobile applications. The synchronous Mobile-RAM achieves
high speed data transfer rates by employing a chip architecture that prefetches multiple bits and then synchronizes
the output data to a system clock.
The device adds new features to the industry standards set for synchronous DRAM products. Parts of the memory
array can be selected for Self-Refresh and the refresh period during Self-Refresh is programmable in 4 steps
which drastically reduces the self refresh current, depending on the case temperature of the components in the
system application. In addition a “Deep Power Down Mode” is available. Operating the four memory banks in an
Table 1
Performance
1)
1) for VDDQ = 2.5 V; see Table 10 for VDDQ dependent performance
Part Number Speed Code
–7.5
–8
Unit
max. Clock Frequency
@CL3
f
CK3
133
125
MHz
min. Clock Period
@CL3
t
CK3
7.5
8.0
ns
min. Access Time from Clock
@CL3
t
AC3
6.0
6.0
ns
min. Clock Period
@CL2
t
CK2
9.5
9.5
ns
min. Access Time from Clock
@CL2
t
AC2
6.0
6.0
ns


Similar Part No. - HYE25L256160AC-75

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYE25L256160AC-7.5 INFINEON-HYE25L256160AC-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
logo
Qimonda AG
HYE25L256160AC-7.5 QIMONDA-HYE25L256160AC-7.5 Datasheet
716Kb / 18P
   256-MBit Mobile-RAM
More results

Similar Description - HYE25L256160AC-75

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB25L256160AC INFINEON-HYB25L256160AC Datasheet
1Mb / 55P
   256-Mbit Mobile-RAM
V1.1, 2003-04-16
logo
Qimonda AG
HYB25L256160AC QIMONDA-HYB25L256160AC Datasheet
716Kb / 18P
   256-MBit Mobile-RAM
HYB18L256169BF QIMONDA-HYB18L256169BF Datasheet
1Mb / 48P
   256-Mbit Mobile-RAM
HYB18L256169BFX QIMONDA-HYB18L256169BFX Datasheet
1Mb / 47P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L256160BCX-7.5 QIMONDA-HYB18L256160BCX-7.5 Datasheet
1Mb / 48P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18L256160B QIMONDA-HYB18L256160B Datasheet
2Mb / 58P
   DRAMs for Mobile Applications 256-Mbit Mobile-RAM
HYB18H256321BF QIMONDA-HYB18H256321BF Datasheet
2Mb / 41P
   256-Mbit GDDR3 Graphics RAM GDDR3 Graphics RAM
HYB18L128160BF QIMONDA-HYB18L128160BF Datasheet
1Mb / 55P
   DRAMs for Mobile Applications 128-Mbit Mobile-RAM
HYB18L512160BF-7.5 QIMONDA-HYB18L512160BF-7.5 Datasheet
1Mb / 57P
   DRAMs for Mobile Applications 512-Mbit Mobile-RAM
HYB18M512160BFX QIMONDA-HYB18M512160BFX Datasheet
1Mb / 52P
   DRAMs for Mobile Applications 512-Mbit DDR Mobile-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com