Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYE18P16161AC-70 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # HYE18P16161AC-70
Description  16M Asynchronous/Page CellularRAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYE18P16161AC-70 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button HYE18P16161AC-70 Datasheet HTML 4Page - Infineon Technologies AG HYE18P16161AC-70 Datasheet HTML 5Page - Infineon Technologies AG HYE18P16161AC-70 Datasheet HTML 6Page - Infineon Technologies AG HYE18P16161AC-70 Datasheet HTML 7Page - Infineon Technologies AG HYE18P16161AC-70 Datasheet HTML 8Page - Infineon Technologies AG HYE18P16161AC-70 Datasheet HTML 9Page - Infineon Technologies AG HYE18P16161AC-70 Datasheet HTML 10Page - Infineon Technologies AG HYE18P16161AC-70 Datasheet HTML 11Page - Infineon Technologies AG HYE18P16161AC-70 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Data Sheet
8
V2.0, 2003-12-16
16M Asynchronous/Page CellularRAM
CellularRAM
HYE18P16161AC-70/L70
HYE18P16161AC-85/L85
1Overview
1.1
Features
High density (1T1C-cell) Synchronous 16-Mbit Pseudo-Static RAM
Designed for cell phone applications (CellularRAM)
Functional-compatible to conventional low power asynchronous SRAM devices
Organization 1M
× 16
Refresh-free operation
1.8 V single power supply (
V
DD and VDDQ)
Support of 2.5V and 3.0V I/O voltage options (
V
DDQ)
Low power optimized design
I
STANDBY = 70 µA for L-part and 100 µA for standard part (16M), data retention mode
I
DPD = < 25 µA (16M), non-data retention mode
Low power features (partly adopted from the JEDEC standardized low power SDRAM specifications)
– Temperature Compensated Self-Refresh (TCSR)
– Partial Array Self-Refresh (PASR)
– Deep Power Down Mode (DPD)
70 ns random access cycle time, 20 ns page mode (read only) cycle time
Byte read/write control by UB/LB
Wireless operating temperature range from -25 °C to +85 °C
P-VFBGA-48 chip-scale package (8
× 6 ball grid)
Table 1
Product Selection
HYE18P16161AC
-70
-85
L70
L85
Min. Random Cycle time (tRC)
70ns
85ns
70ns
85ns
Min. Page Read Cycle time (tPC)
20ns
25ns
20ns
25ns
Operating current (Icc1)
20mA
17mA
20mA
17mA
Stand-by current (Icc2)
100uA
70uA
Ordering Info
(Contact Factory)
H Y E
18
P
161 6
1
A
C
Chip Scale Package
Design Revision number
Device Type
16M (x16 Org)
V
DD = 1.8 V typ.
PSRAM product
1: Asynch/Page (48-ball)
Extended Temp. part


Similar Part No. - HYE18P16161AC-70

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYE18P16161AC-60 INFINEON-HYE18P16161AC-60 Datasheet
2Mb / 28P
   MEMORY SPECTRUM
2004
More results

Similar Description - HYE18P16161AC-70

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYE18P32161AC INFINEON-HYE18P32161AC Datasheet
641Kb / 33P
   32M Asynchronous/Page CellularRAM
V2.0, December 2003
logo
Micross Components
MYX29W640GB70ZABG MICROSS-MYX29W640GB70ZABG Datasheet
789Kb / 56P
   Asynchronous random/page read
logo
Integrated Silicon Solu...
IS66WVE2M16BLL ISSI-IS66WVE2M16BLL Datasheet
519Kb / 30P
   Asynchronous and page mode interface
IS66WVE1M16EALL ISSI-IS66WVE1M16EALL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS66WVE2M16ALL ISSI-IS66WVE2M16ALL Datasheet
589Kb / 30P
   Asynchronous and page mode interface
IS66WVE2M16EALL ISSI-IS66WVE2M16EALL Datasheet
622Kb / 31P
   Asynchronous and page mode interface
IS66WVE51216EALL ISSI-IS66WVE51216EALL Datasheet
624Kb / 31P
   Asynchronous and page mode interface
IS66WVE4M16EALL ISSI-IS66WVE4M16EALL Datasheet
663Kb / 32P
   Asynchronous and page mode interface
logo
Emerging Memory & Logic...
EM7643SU16H EMLSI-EM7643SU16H Datasheet
130Kb / 11P
   4M x 16Bit Asynchronous / Page Mode StRAM
EM7323SU16H EMLSI-EM7323SU16H Datasheet
129Kb / 11P
   2M x 16Bit Asynchronous / Page Mode StRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com