Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPVN110101 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPVN110101
Description  Low-profile Two-way Operation Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPVN110101 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPVN110101 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPVN110101 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPVN110101 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPVN110101 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
19
19
SPVS
Low-profile type with thickness of 1mm
Low-profile Two-way Operation Type
SPVN
Product Line
Poles
1
1
Positions
Operating
direction
Right
Left
Right
Left
Drawing No.
1
2
3
4
With
Without
With
Without
With
Without
With
Without
Location lug
20,000
5,000
Minimumorder unit(pcs)
Export
Japan
Standard
Long
Lever length
SPVN110101
SPVN120101
SPVN210101
SPVN220101
SPVN310100
SPVN320100
SPVN410100
SPVN420100
Product No.
For PC board
(Reflow)
Terminal type
Refer to P.71 for soldering conditions.
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
1mA 5V DC / 50BA 3V DC
Contact resistance
(Initial / After operating life)
2Ω max. / 5Ω max.
Operating force
0.35N max.
Operating life
Without load
50,000cycles
With load
50,000cycles(1mA 5V DC)
Unit:mm
Reel size
Packing Specifications
Taping
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements
(mm)
1 reel
1 case /Japan 1 case /export packing
5,000
10,000
20,000
16
417×409×139
ø380
17.4
Style
Dimensions
Unit:mm
Photo
PC board mounting hole and land dimensions
(Viewed from direction A )
No.
Right operation type
with boss
1
ON starting position(horizontal direction),
operating force standard measurement position
(vertical direction)
ON starting position
Center of rotation
ON starting position
(horizontal direction)
Total travel position
Location lug
3.8
0.75
1
0.4
0.2
C0.1
4.26
1.6
2.77)
0.52
1.17
Terminal No.1
A
1.6
4.7
2-ø0.75
hole
3.1


Similar Part No. - SPVN110101

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVN110101 ALPS-SPVN110101 Datasheet
236Kb / 4P
   Low-profile Two-way Operation Type
More results

Similar Description - SPVN110101

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVN ALPS-SPVN Datasheet
236Kb / 4P
   Low-profile Two-way Operation Type
SPVF ALPS-SPVF Datasheet
430Kb / 4P
   Two-way Operation Type
SPVM ALPS-SPVM Datasheet
323Kb / 4P
   Compact Two-way Operation Type
SPVM ALPS-SPVM_15 Datasheet
903Kb / 4P
   Compact Two-way Operation Type
SPVS ALPS-SPVS Datasheet
251Kb / 4P
   Compact Two-way Operation Type
SPVS ALPS-SPVS_15 Datasheet
1Mb / 5P
   Compact Two-way Operation Type
SPVP ALPS-SPVP Datasheet
187Kb / 3P
   Low-profile One-way Operation Type
SPVG ALPS-SPVG Datasheet
770Kb / 7P
   2mm-thick Two-way Operation Type
SPVT ALPS-SPVT Datasheet
1Mb / 5P
   1.9mm-thick Two-way Operation Type
logo
List of Unclassifed Man...
SPVM ETC2-SPVM Datasheet
108Kb / 5P
   Compact Two-way Operation Type Detector Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com