Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XIO2001 Datasheet(PDF) 1 Page - Texas Instruments

Part # XIO2001
Description  PCI Express to PCI Bus Translation Bridge
Download  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2001 Datasheet(HTML) 1 Page - Texas Instruments

  XIO2001_16 Datasheet HTML 1Page - Texas Instruments XIO2001_16 Datasheet HTML 2Page - Texas Instruments XIO2001_16 Datasheet HTML 3Page - Texas Instruments XIO2001_16 Datasheet HTML 4Page - Texas Instruments XIO2001_16 Datasheet HTML 5Page - Texas Instruments XIO2001_16 Datasheet HTML 6Page - Texas Instruments XIO2001_16 Datasheet HTML 7Page - Texas Instruments XIO2001_16 Datasheet HTML 8Page - Texas Instruments XIO2001_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 141 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
XIO2001 PCI Express to PCI Bus Translation Bridge
1
1 Features
1
Full ×1 PCI Express™ Throughput
Fully Compliant With PCI Express to PCI/PCI-X
Bridge Specification, Revision 1.0
Fully Compliant With PCI Express Base
Specification, Revision 2.0
Fully Compliant With PCI Local Bus Specification,
Revision 2.3
PCI Express Advanced Error Reporting Capability
Including ECRC Support
Support for D1, D2, D3hot, and D3cold
Active-State Link Power Management Saves
Power When Packet Activity on the PCI Express
Link is Idle, Using Both L0s and L1 States
Wake Event and Beacon Support
Error Forwarding Including PCI Express Data
Poisoning and PCI Bus Parity Errors
Uses 100-MHz Differential PCI Express Common
Reference Clock or 125-MHz Single-Ended,
Reference Clock
Optional Spread Spectrum Reference Clock is
Supported
Robust Pipeline Architecture to Minimize
Transaction Latency
Full PCI Local Bus 66-MHz/32-Bit Throughput
Support for Six Subordinate PCI Bus Masters with
Internal Configurable, 2-Level Prioritization
Scheme
Internal PCI Arbiter Supporting Up to 6 External
PCI Masters
Advanced PCI Express Message Signaled
Interrupt Generation for Serial IRQ Interrupts
External PCI Bus Arbiter Option
PCI Bus LOCK Support
JTAG/BS for Production Test
PCI-Express CLKREQ Support
Clock Run and Power Override Support
Six Buffered PCI Clock Outputs (25 MHz, 33 MHz,
50 MHz, or 66 MHz)
PCI Bus Interface 3.3-V and 5.0-V (25 MHz or
33 MHz only at 5.0 V) Tolerance Options
Integrated AUX Power Switch Drains VAUX Power
Only When Main Power Is Off
Five 3.3-V, Multifunction, General-Purpose I/O
Terminals
Memory-Mapped EEPROM Serial-Bus Controller
Supporting PCI Express Power Budget/Limit
Extensions for Add-In Cards
Compact Footprint, Lead-Free 144-Ball, ZAJ
MicroStar™ BGA, Lead-Free 169-Ball ZGU
MicroStar BGA, and PowerPad™ HTQFP 128-Pin
PNP Package
2 Applications
Consumer Applications:
PC
Notebooks
PCIe Add-In Cards
Multi-Function Printers
Network Routers and Switches
Industrial Applications
Industrial PCs
Video Surveillance Systems
3 Description
The XIO2001 is a single-function PCI Express to PCI
translation bridge that is fully compliant to the PCI
Express to PCI/PCI-X Bridge Specification, Revision
1.0. For downstream traffic, the bridge simultaneously
supports up to eight posted and four non-posted
transactions. For upstream traffic, up to six posted
and four non-posted transactions are simultaneously
supported.
The PCI Express interface is fully compliant to the
PCI Express Base Specification, Revision 2.0.
The PCI Express interface supports a ×1 link
operating at full 250 MB/s packet throughput in each
direction simultaneously. Also, the bridge supports
the advanced error reporting including extended CRC
(ECRC) as defined in the PCI Express Base
Specification. Supplemental firmware or software is
required to fully use both of these features.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
XIO2001
HTQFP (128)
14.00 mm × 14.00 mm
NFBGA (144)
7.00 mm × 7.00 mm
BGA MICROSTAR
(169)
12.00 mm × 12.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - XIO2001_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO2001 TI-XIO2001_10 Datasheet
1Mb / 128P
[Old version datasheet]   PCI Express??to PCI Bus Translation Bridge
XIO2001_101 TI-XIO2001_101 Datasheet
1Mb / 131P
[Old version datasheet]   PCI Express??to PCI Bus Translation Bridge
More results

Similar Description - XIO2001_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
[Old version datasheet]   PCI Express to PCI Bus Translation Bridge
XIO2000A TI1-XIO2000A_19 Datasheet
1Mb / 160P
[Old version datasheet]   PCI Express to PCI Bus Translation Bridge
XIO2001_101 TI-XIO2001_101 Datasheet
1Mb / 131P
[Old version datasheet]   PCI Express??to PCI Bus Translation Bridge
XIO2001 TI-XIO2001_10 Datasheet
1Mb / 128P
[Old version datasheet]   PCI Express??to PCI Bus Translation Bridge
logo
TEXAS ADVANCED OPTOELEC...
XIO2000A TAOS-XIO2000A_08 Datasheet
1Mb / 159P
   PCI Express to PCI Bus Translation Bridge
logo
Texas Instruments
XIO2001 TI-XIO2001_V01 Datasheet
2Mb / 144P
[Old version datasheet]   XIO2001 PCI Express to PCI Bus Translation Bridge
XIO2000 TI-XIO2000 Datasheet
1Mb / 150P
[Old version datasheet]   XIO2000 PCI Express to PCI Bus Translation Bridge
XIO2001 TI-XIO2001 Datasheet
1Mb / 131P
[Old version datasheet]   Express??to PCI Bus Translation Bridge
XIO2000A TI-XIO2000A_V01 Datasheet
2Mb / 165P
[Old version datasheet]   XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
   PCI Express to PCI Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com