Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39L256160AT-8 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # HYB39L256160AT-8
Description  256 MBit Synchronous Low-Power DRAM
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39L256160AT-8 Datasheet(HTML) 1 Page - Infineon Technologies AG

  HYB39L256160AT-8 Datasheet HTML 1Page - Infineon Technologies AG HYB39L256160AT-8 Datasheet HTML 2Page - Infineon Technologies AG HYB39L256160AT-8 Datasheet HTML 3Page - Infineon Technologies AG HYB39L256160AT-8 Datasheet HTML 4Page - Infineon Technologies AG HYB39L256160AT-8 Datasheet HTML 5Page - Infineon Technologies AG HYB39L256160AT-8 Datasheet HTML 6Page - Infineon Technologies AG HYB39L256160AT-8 Datasheet HTML 7Page - Infineon Technologies AG HYB39L256160AT-8 Datasheet HTML 8Page - Infineon Technologies AG HYB39L256160AT-8 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
HYB39L256160AC/T
256 MBit 3.3V Mobile-RAM
INFINEON Technologies AG
1
2002-12-20
Description
The HYB 39L256160AC Mobile-RAM is a new generation of low power, four bank Synchronous
DRAM’s organized as 4 banks x 4 Mbit x 16. These synchronous Mobile-RAMs achieve high speed
data transfer rates by employing a chip architecture that prefetches multiple bits and then
synchronizes the output data to a system clock.
All of the control, address, data input and output circuits are synchronized with the positive edge of
an externally supplied clock.
Operating the four memory banks in an interleave fashion allows random access operation to occur
at higher rate. A sequential and gapless data rate is possible depending on burst length,
CAS
latency and speed grade of the device.
Auto Refresh (CBR) and Self Refresh operation are supported. The device operates with a single
3.3 V
±0.3V power supply.
Compared to conventional SDRAM the self-refresh current is further reduced. The Mobile-RAM
devices are available in FBGA “chip-size” or TSOPII packages.
Features
• 16 Mbit x16 organisation
• VDD = VDDQ = 3.3 V
• Fully Synchronous to Positive Clock Edge
• Four Banks controlled by BA0 & BA1
• Programmable
CAS Latency: 2, 3
• Programmable Wrap Sequence: Sequential
or Interleave
• Automatic and Controlled Precharge
Command
• Programmable Burst Length: 1, 2, 4, 8 and
full page
• Data Mask for byte control
• Auto Refresh (CBR)
• 8192 Refresh Cycles / 64ms
• Very low Self Refresh current
• Power Down and Clock Suspend Mode
• Random Column Address every CLK
(1-N Rule)
• P-TFBGA-54, with 9 x 6 ball array with
3 depopulated rows, 12 x 8 mm
2
• P-TSOPII-54 alternate package
• Operating Temperature Range
Commerical (00 to 700C)
-7.5
-8
Units
f
CK,MAX
133
125
MHz
t
CK3,MIN
7.5
8
ns
t
AC3,MAX
5.4
6
ns
t
CK2,MIN
9.5
9.5
ns
t
AC2,MAX
66ns
256 MBit Synchronous Low-Power DRAM
Data Sheet Revision Dec. 2002


Similar Part No. - HYB39L256160AT-8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39L256160AT-7.5 INFINEON-HYB39L256160AT-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
More results

Similar Description - HYB39L256160AT-8

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
logo
Siemens Semiconductor G...
HYB39S256400 SIEMENS-HYB39S256400 Datasheet
425Kb / 56P
   256 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S256400D INFINEON-HYB39S256400D Datasheet
630Kb / 28P
   256-MBit Synchronous DRAM
Rev. 1.02, Feb. 2004
HYB39S256400DT INFINEON-HYB39S256400DT Datasheet
564Kb / 22P
   256 MBit Synchronous DRAM
2002-04-23
logo
Qimonda AG
HYB39S256407FE QIMONDA-HYB39S256407FE Datasheet
1Mb / 27P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160 ISSI-IS42S16160 Datasheet
949Kb / 60P
   256-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L128160AC INFINEON-HYB39L128160AC Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com