Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPPJ311500 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SPPJ311500
Description  2.5mm-travel Compact-sized Horizontal Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SPPJ311500 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SPPJ311500 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SPPJ311500 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SPPJ311500 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SPPJ311500 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
116
116
Lever height 4.7mm, small sized horizontal type
2.5mm-travel Compact-sized Horizontal Type
SPPJ3
SPPJ322300
PC board
1
2
Non shorting
Latching
Momentary
Momentary
SPPJ310500
SPPJ311500
SPPJ320600
Mounting
method
Poles
Changeover
timing
For
PC board
Terminal
type
100
4,500
Minimum order unit(pcs.)
Japan
Export
Operation
Product No.
2.5
Travel
(mm)
3.5
Total travel
(mm)
1
2
Drawing
No.
Latching
Product Line
Typical Specifications
Items
Specifications
Rating(max.)/(min.)
(Resistive load)
0.2A 30V DC / 50μA 3V DC
Contact resistance
(Initial/After operating life)
20mΩ max. / 40mΩ max.
Operating force
1-pole
2.3±1N
2-pole
3.3±1N
Operating life
Without load
10,000 cycles
With load
10,000 cycles(0.2A 30V DC)
Refer to P.138 for soldering conditions.
Number of packages(pcs.)
Export package measurements
(mm)
1 case / Japan
1 case / export packing
900
4,500
400×270×290
Packing Specifications
Bulk
PC board mounting hole dimensions
(Viewed from the direction A)
Style
Dimensions
Unit:mm
No.
1-pole, 2-position
1
(5)
PC board
mounting face
Travel
つまみ
Total travel
Terminal No.3
(22)
0.35
0.8
0.8
12
10
3.5
2.5
0.8
(5)
0.6
2.5
3.5
A
2.5
3-ø0.9 hole
2.5 2.5
5.7
2-ø1.2 hole
5.6


Similar Part No. - SPPJ311500

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPJ311500 ALPS-SPPJ311500 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
More results

Similar Description - SPPJ311500

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPPJ3 ALPS-SPPJ3 Datasheet
250Kb / 4P
   2.5mm-travel Compact-sized Horizontal Type
SPUN ALPS-SPUN Datasheet
242Kb / 4P
   2.5mm-travel Large-sized Horizontal Type
SPUN ALPS-SPUN_15 Datasheet
987Kb / 4P
   2.5mm-travel Large-sized Horizontal Type
SPPJ2 ALPS-SPPJ2 Datasheet
262Kb / 4P
   2.5mm-travel Horizontal Type
SPPJ2 ALPS-SPPJ2_15 Datasheet
1Mb / 4P
   2.5mm-travel Horizontal Type
SPPH2 ALPS-SPPH2_15 Datasheet
903Kb / 4P
   1mm-travel Compact-sized Vertical Type
SPPH2 ALPS-SPPH2 Datasheet
214Kb / 3P
   1mm-travel Compact-sized Vertical Type
SPUP ALPS-SPUP Datasheet
246Kb / 3P
   1.5/2mm-travel Medium-sized Horizontal Type
SPEC ALPS-SPEC Datasheet
151Kb / 3P
   2.5mm-travel Vertical Type
SPPH4 ALPS-SPPH4 Datasheet
111Kb / 2P
   2.2mm-travel Medium-sized Vertical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com