Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TUSB4041I-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB4041I-Q1 Datasheet HTML 1Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 2Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 3Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 4Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 5Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 6Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 7Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 8Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Embedded
Host
USB 2.0 Connection
USB 2.0 Hub
USB 2.0 Port
USB 2.0 Device
Front Console
Convenience Port
TUSB4041I-Q1
Front Console
SD Reader
TUSB9261-Q1
Rear Console
Convenience
Port
SATA HDD
(Media Drive)
TI
TI
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB4041I-Q1
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
TUSB4041I-Q1 Four-Port USB 2.0 Hub
1
1 Features
1
Qualified for Automotive Applications
AEC-Q100 Qualified With the Following Results
Device Temperature Grade 3: –40°C to 85°C
Ambient Operating Temperature
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C5
Four Port USB 2.0 Hub
USB 2.0 Hub Features
Multi Transaction Translator (MTT) Hub: Four
Transaction Translators
Four Asynchronous Endpoint Buffers per
Transaction Translator
Supports USB Battery Charging
CDP Mode (Upstream Port Connected)
DCP Mode (Upstream Port Unconnected)
DCP Mode Complies With Chinese
Telecommunications Industry Standard YD/T
1591-2009
Supports D+ and D– Divider Mode
Per Port or Ganged Power Switching and
Overcurrent Notification Inputs
OTP ROM, Serial EEPROM or I2C and SMBus
Slave Interface for Custom Configurations:
VID and PID
Customizable Ports
Manufacturer and Product Strings (not by OTP
ROM)
Serial Number (not by OTP ROM)
Application Feature Selection Using Pin Selection
or EEPROM, I2C, or SMBus Slave Interface
Provides 128-Bit Universally Unique Identifier
(UUID)
Supports On-Board and In-System OTP and
EEPROM Programming Through the USB 2.0
Upstream Port
Single Clock Input, 24-MHz Crystal or Oscillator
DM/DP Polarity Swap
Type C Compatible
No Special Driver Requirements; Works
Seamlessly on any Operating System With USB
Stack Support
64-Pin HTQFP Package (PAP)
2 Applications
Automotive
Computer Systems
Docking Stations
Monitors
Set-Top Boxes
3 Description
The TUSB4041I-Q1 device is a four-port USB 2.0
hub. The device provides USB high-speed or full-
speed connections on the upstream port. The device
also provides USB high-speed, full-speed, or low-
speed connections on the downstream ports. When
the upstream port is connected to an electrical
environment that only supports high-speed, full-
speed, and low-speed connections, the USB high-
speed, full-speed and low-speed connectivity is
enabled
on
the
downstream
ports.
When
the
upstream
port
is
connected
to
an
electrical
environment that only supports full-speed or low-
speed connections, the USB high-speed connectivity
are disabled on the downstream ports.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB4041I-Q1
HTQFP (64)
10.00 mm × 10.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TUSB4041I-Q1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB4041IPAP TI1-TUSB4041IPAP Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041IPAPR TI1-TUSB4041IPAPR Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
Advantech Co., Ltd.
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
Texas Instruments
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
IOGEAR
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
Exar Corporation
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
Texas Instruments
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz