Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TUSB4041I-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB4041I-Q1 Datasheet HTML 3Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 4Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 5Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 6Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 7Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 8Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 9Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 10Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
TUSB4041I-Q1
www.ti.com
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O(1)
TYPE(1)
DESCRIPTION
NAME
NO.
TEST AND MISCELLANEOUS SIGNALS
AUTOENz/
HS_SUSPEND
13
I/O
PU
Automatic charge mode enable/HS suspend status
The value of the pin is sampled at the deassertion of reset to determine if automatic
mode is enabled as follows:
0 = Automatic mode is enabled on ports that are enabled for battery charging when
the hub is unconnected. Note that CDP is not supported on port 1 when operating
in automatic mode.
1 = Automatic mode is disabled.
This value is also used to set the autoEnz bit in the Battery Charging Support
Register.
After reset, this signal indicates the high-speed USB Suspend status of the upstream
port if enabled through the Additional Feature Configuration Register. When enabled,
a value of 1 indicates the connection is suspended.
FULLPWRMGMTz/
SMBA1
8
I/O
PD
Full power management enable/SMBus address bit 1
The value of the pin is sampled at the deassertion of reset to set the power switch
control follows:
0 = Power switching and overcurrent inputs supported
1 = Power switching and overcurrent inputs not supported
Full power management is the ability to control power to the downstream ports of the
TUSB4041I-Q1 device using PWRCTL[4:1]/BATEN[4:1].
When SMBus mode is enabled using SMBUSz, this pin sets the value of the SMBus
slave address bit 1.
This pin can be left unconnected if full power management and SMBus are not
implemented.
After reset, this signal is driven low by the TUSB4041I-Q1. Because of this behavior,
TI recommends not to tie directly to supply, but instead pull up or pull down using an
external resistor.
Note: Power switching must be supported for battery charging applications.
GANGED/SMBA2/
HS_UP
10
I/O
PD
Ganged operation enable/SMBus address bit 2/HS connection status upstream port
The value of the pin is sampled at the deassertion of reset to set the power switch
and overcurrent detection mode as follows:
0 = Individual power control supported when power switching is enabled
1 = Power control gangs supported when power switching is enabled
When SMBus mode is enabled using SMBUSz, this pin sets the value of the SMBus
slave address bit 2.
After reset, this signal indicates the high-speed USB connection status of the
upstream port if enabled through the Additional Feature Configuration Register. When
enabled, a value of 1 indicates the upstream port is connected to a high-speed USB
capable port.
Note: Individual power control must be enabled for battery charging applications.
PWRCTL_POL
9
I/O
PU
Power control polarity.
The value of the pin is sampled at the deassertion of reset to set the polarity of
PWRCTL[4:1].
0 = PWRCTL polarity is active low
1 = PWRCTL polarity is active high
RSVD
23, 24,
26, 27,
35, 36,
38, 39,
43, 44,
46, 47,
51, 52,
54, 55,
58, 59,
61, 62
I/O
Reserved. For internal use only and leave unconnected on the PCB.


Similar Part No. - TUSB4041I-Q1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB4041IPAP TI1-TUSB4041IPAP Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041IPAPR TI1-TUSB4041IPAPR Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
Advantech Co., Ltd.
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
Texas Instruments
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
IOGEAR
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
Exar Corporation
Exar Corporation
XR22417 EXAR-XR22417 Datasheet
795Kb / 17P
   USB 2.0 7-Port Hub
Texas Instruments
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz