Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB4041I-Q1 Datasheet HTML 13Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 14Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 15Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 16Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 17Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 18Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 19Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 20Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
17
TUSB4041I-Q1
www.ti.com
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.5.6 Product ID MSB Register
Offset = 4h, reset = 81h
Figure 7. Product ID MSB Register
7
6
5
4
3
2
1
0
productIdMsb[7]
productIdMsb[6:1]
productIdMsb[0]
R/RW-1
R/RW-0
R/RW-1
Table 8. Product ID MSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7
productIdMsb[7]
R/RW
1
Product ID MSB
Most significant byte of the product ID assigned by TI; the default value of this
register is 81h representing the MSB of the product ID assigned by TI. The
value may be overwritten to indicate a customer product ID.
This field is R/W unless the OTP ROM VID and OTP ROM PID values are
non-zero. If both values are non-zero, the value when reading this register will
reflect the OTP ROM value.
6:1
productIdMsb[6:1]
R/RW
0
0
productIdMsb[0]
R/RW
1
8.5.7 Device Configuration Register
Offset = 5h
Figure 8. Device Configuration Register
7
6
5
4
3
2
1
0
customStrings
customSernum
RSVD
RSVD
ganged
fullPwrMgmtz
RSVD
RSVD
RW-0
RW-0
RW-0
R-1
RW-X
RW-X
RW-0
R-0
Table 9. Device Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
7
customStrings
RW
0
Custom strings enable
This bit controls the ability to write to the Manufacturer String Length, Manufacturer
String, Product String Length, Product String, and Language ID registers
0 = The Manufacturer String Length, Manufacturer String, Product String
Length, Product String, and Language ID registers are read only.
1 = The Manufacturer String Length, Manufacturer String, Product String
Length, Product String, and Language ID registers may be loaded by
EEPROM or written by SMBus.
The default value of this bit is 0.
6
customSernum
RW
0
Custom serial number enable
This bit controls the ability to write to the serial number registers.
0 = The Serial Number String Length and Serial Number String registers are
read only.
1 = Serial Number String Length and Serial Number String registers may be
loaded by EEPROM or written by SMBus.
The default value of this bit is 0.
5
RSVD
RW
0
Reserved.
4
RSVD
R
1
Reserved. This bit is reserved and returns 1 when read.


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB4041IPAP TI1-TUSB4041IPAP Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041IPAPR TI1-TUSB4041IPAPR Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com