Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7242CDW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7242CDW
Description  High-Speed, Quad-Channel Digital Isolators
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7242CDW Datasheet(HTML) 5 Page - Texas Instruments

  ISO7242CDW Datasheet HTML 1Page - Texas Instruments ISO7242CDW Datasheet HTML 2Page - Texas Instruments ISO7242CDW Datasheet HTML 3Page - Texas Instruments ISO7242CDW Datasheet HTML 4Page - Texas Instruments ISO7242CDW Datasheet HTML 5Page - Texas Instruments ISO7242CDW Datasheet HTML 6Page - Texas Instruments ISO7242CDW Datasheet HTML 7Page - Texas Instruments ISO7242CDW Datasheet HTML 8Page - Texas Instruments ISO7242CDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
www.ti.com
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
Changes from Revision E (May 2008) to Revision F
Page
Deleted ISO724xA devices. See SLLS905 for the ISO7240A, ISO7241A, and ISO7242A. .................................................. 1
Changed Title From: QUAD DIGITAL ISOLATORS To: HIGH SPEED QUAD DIGITAL ISOLATORS................................. 1
Changed Feature Low Jitter Content - From: 1, 25, and 150-Mbps Signaling Rate Options To: 25, and 150-Mbps
Signaling Rate Options ........................................................................................................................................................... 1
Added tsk(pp) footnote............................................................................................................................................................. 13
Added tsk(o) footnote. ............................................................................................................................................................. 13
Added tsk(pp) footnote............................................................................................................................................................. 16
Added tsk(o) footnote. ............................................................................................................................................................. 16
Changes from Revision D (April 2008) to Revision E
Page
Added Table Note (1): For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V. ............................................... 8
Added Table Note (1): For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V .............................................. 10
Added Table Note (1): For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V .............................................. 11
Added Table Note (1): For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V .............................................. 12
Changes from Revision C (April 2008) to Revision D
Page
Added tsk(pp) Part-to-part skew .............................................................................................................................................. 13
Added tsk(pp) Part-to-part skew .............................................................................................................................................. 14
Added tsk(pp) Part-to-part skew .............................................................................................................................................. 15
Added tsk(pp) Part-to-part skew .............................................................................................................................................. 16
Changed Typical ISO724x Application Circuit Figure 19 .................................................................................................... 27
Changes from Revision B (August 2008) to Revision C
Page
Deleted Min = 4.5 V and max = 5.5 V for Supply Voltage of the ROC Table. ....................................................................... 8
Changed VCC Supply Voltage in the ROC Table From: 3.6 To: 5.5 ....................................................................................... 8
Changes from Revision A (December 2007) to Revision B
Page
Changed VCC Supply Voltage in the ROC Table From: 3.45 To: 3.6 ..................................................................................... 8
Changes from Original (September 2007) to Revision A
Page
Changed VCC Supply Voltage in the ROC Table From: 3.6 To: 3.45 ..................................................................................... 8
Changed VCC Supply Voltage in the ROC Table From: 3 To: 3.15 ........................................................................................ 8
Changed TBDs to actual values. ............................................................................................................................................ 9
Changed CI - typ value From: 1 To: 2 in the Electrical Characteristics: VCC1 and VCC2 at 5-V
(2) Operation ......................... 9
Changed CI - typ value From: 1 To: 2 in the Electrical Characteristics: VCC1 at 5-V, VCC2 at 3.3-V
(3) Operation................. 10
Changed CI - typ value From: 1 To: 2 in the Electrical Characteristics: VCC1 at 3.3-V, VCC2 at 5-V
(4) Operation................. 11
Changed typ value From: 1 To: 2 in the Electrical Characteristics: VCC1 and VCC2 at 3.3 V
(5) Operation ............................ 12
Changed Propagation delay max From: 22 To: 23 .............................................................................................................. 13
Changed Propagation delay max From: 46 To: 50 .............................................................................................................. 14
Changed Propagation delay max From: 28 To: 29 .............................................................................................................. 14
Changed ISO724xA/C max value From: 2.5 To: 3............................................................................................................... 14
Changed Propagation delay max From: 26 To: 30 .............................................................................................................. 15
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M


Similar Part No. - ISO7242CDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7242CDW TI-ISO7242CDW Datasheet
755Kb / 23P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7242CDW TI-ISO7242CDW Datasheet
767Kb / 25P
[Old version datasheet]   QUAD DIGITAL ISOLATORS
ISO7242CDW TI-ISO7242CDW Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7242CDW TI-ISO7242CDW Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7242CDW TI1-ISO7242CDW Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
More results

Similar Description - ISO7242CDW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
REV. D
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
   Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240C TI-ISO7240C_08 Datasheet
868Kb / 25P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI-ISO7240CF_10 Datasheet
801Kb / 27P
[Old version datasheet]   HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1_13 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com