Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7221AD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221AD
Description  Dual Channel Digital Isolators
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7221AD Datasheet(HTML) 2 Page - Texas Instruments

  ISO7221AD Datasheet HTML 1Page - Texas Instruments ISO7221AD Datasheet HTML 2Page - Texas Instruments ISO7221AD Datasheet HTML 3Page - Texas Instruments ISO7221AD Datasheet HTML 4Page - Texas Instruments ISO7221AD Datasheet HTML 5Page - Texas Instruments ISO7221AD Datasheet HTML 6Page - Texas Instruments ISO7221AD Datasheet HTML 7Page - Texas Instruments ISO7221AD Datasheet HTML 8Page - Texas Instruments ISO7221AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
SLLS755N – JULY 2006 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
7
Parameter Measurement Information ................ 17
2
Applications ........................................................... 1
8
Detailed Description ............................................ 18
8.1
Overview ................................................................. 18
3
Description ............................................................. 1
8.2
Functional Block Diagram ....................................... 18
4
Revision History..................................................... 2
8.3
Feature Description................................................. 19
5
Pin Configuration and Functions ......................... 5
8.4
Device Functional Modes........................................ 21
6
Specifications......................................................... 5
9
Application and Implementation ........................ 22
6.1
Absolute Maximum Ratings ...................................... 5
9.1
Application Information............................................ 22
6.2
ESD Ratings.............................................................. 5
9.2
Typical Application .................................................. 22
6.3
Recommended Operating Conditions ....................... 6
10
Power Supply Recommendations ..................... 24
6.4
Thermal Information .................................................. 6
11
Layout................................................................... 24
6.5
Electrical Characteristics, 5 V ................................... 7
11.1
Layout Guidelines ................................................. 24
6.6
Electrical Characteristics, 5 V, 3.3 V ........................ 8
11.2
Layout Example .................................................... 24
6.7
Electrical Characteristics: 3.3 V, 5 V......................... 9
6.8
Electrical Characteristics, 3.3 V .............................. 10
12
Device and Documentation Support ................. 25
6.9
Electrical Characteristics, 2.8 V ............................. 10
12.1
Documentation Support ........................................ 25
6.10
Dissipation Characteristics.................................... 11
12.2
Related Links ........................................................ 25
6.11
Switching Characteristics, 5 V ............................. 11
12.3
Community Resources.......................................... 25
6.12
Switching Characteristics, 5 V, 3.3 V.................... 12
12.4
Trademarks ........................................................... 25
6.13
Switching Characteristics, 3.3 V, 5 V ................... 12
12.5
Electrostatic Discharge Caution ............................ 25
6.14
Switching Characteristics, 3.3 V ........................... 13
12.6
Glossary ................................................................ 25
6.15
Switching Characteristics, 2.8 V .......................... 14
13
Mechanical, Packaging, and Orderable
Information ........................................................... 26
6.16
Typical Characteristics .......................................... 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision M (October 2014) to Revision N
Page
Changed the VDE Cerification from: DIN EN 60747-5-5 (VDE 0884-5) to: DIN V VDE V 0884-10 (VDE V 0884-
10):2006-12 throughout the document ................................................................................................................................... 1
Updated the Simplified Schematic to a higher quality version. .............................................................................................. 1
Changed the max value of the IN and OUT voltage from 6 to VCC + 0.5 in the Absolute Maximum Ratings table............... 5
Added = 150°C to insulation resistance test condition in the DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
Insulation Characteristics table. ........................................................................................................................................... 19
Changed L(I01) MIN value from 4.8 to 4 in the IEC Package Characteristics table. ........................................................... 19
Changed L(I01) MIN value from 4.8 to 4 in the IEC Package Characteristics table. ........................................................... 19
Added the JEDEC package dimensions note in the IEC Package Characteristics table..................................................... 19
Changed the DTI test condition From: IEC 60112 / VDE 0303 Part 1 To: DIN EN 60112 (VDE 0303-11); IEC 60112 ...... 20
Added the DTI parameter to the IEC Package Characteristics table. .................................................................................. 20
Added table row with input side VCC = X to the ISO7220x or ISO7221x Function table...................................................... 21
Changes from Revision L (January 2012) to Revision M
Page
Changed the title of this data sheet to ISO722x Dual Channel Digital Isolators ................................................................... 1
Added Pin Configuration and Functions section, Handling Rating table, Dissipation Ratings table, Feature
Description section, Device Functional Modes, Application and Implementation section, Power Supply
Recommendations section, Layout section, Device and Documentation Support section, and Mechanical,
Packaging, and Orderable Information section, changed Thermal Information table ........................................................... 1
Updated the Features section ............................................................................................................................................... 1
Added per VDE to 4000 VPK in second sentence of Description .......................................................................................... 1
Updated the Regulatory Information Table............................................................................................................................. 5
2
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M


Similar Part No. - ISO7221AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7221AD TI-ISO7221AD Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7221AD TI-ISO7221AD Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7221AD TI-ISO7221AD Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7221ADG4 TI-ISO7221ADG4 Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7221ADG4 TI-ISO7221ADG4 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results

Similar Description - ISO7221AD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com