Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7220MDR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220MDR
Description  Dual Channel Digital Isolators
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7220MDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7220MDR Datasheet HTML 2Page - Texas Instruments ISO7220MDR Datasheet HTML 3Page - Texas Instruments ISO7220MDR Datasheet HTML 4Page - Texas Instruments ISO7220MDR Datasheet HTML 5Page - Texas Instruments ISO7220MDR Datasheet HTML 6Page - Texas Instruments ISO7220MDR Datasheet HTML 7Page - Texas Instruments ISO7220MDR Datasheet HTML 8Page - Texas Instruments ISO7220MDR Datasheet HTML 9Page - Texas Instruments ISO7220MDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
1
2
3
4
5
6
7
8
GND2
INB
V
CC2
V
CC1
OUTB
GND1
INA
OUTA
1
2
3
4
5
6
7
8
GND2
INB
V
CC2
V
CC1
OUTB
GND1
OUTA
INA
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
SLLS755N – JULY 2006 – REVISED SEPTEMBER 2015
www.ti.com
5
Pin Configuration and Functions
ISO7220x D Package
ISO7221x D Package
8-Pin SOIC
8-Pin SOIC
Top View
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
ISO7220x
ISO7221x
INA
2
7
I
Input, channel A
INB
3
3
I
Input, channel B
GND1
4
4
Ground connection for VCC1
GND2
5
5
Ground connection for VCC2
OUTA
7
2
O
Output, channel A
OUTB
6
6
O
Output, channel B
VCC1
1
1
Power supply, VCC1
VCC2
8
8
Power supply, VCC2
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage(2), VCC1, VCC2
–0.5
6
V
VI
Voltage at IN, OUT
–0.5
VCC + 0.5
(3)
V
IO
Output current
–15
15
mA
TJ
Maximum junction temperature
170
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These ratings are stress
ratings only and functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods can affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground pin and are peak voltage values.
(3)
Maximum voltage must not exceed 6 V.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±4000
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
V(ESD)
Electrostatic discharge
±1000
V
all pins(2)
Machine Model, ANSI/ESDS5.2-1996
±200
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M


Similar Part No. - ISO7220MDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7220MDR TI-ISO7220MDR Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220MDR TI-ISO7220MDR Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220MDR TI-ISO7220MDR Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220MDRG4 TI-ISO7220MDRG4 Datasheet
734Kb / 25P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220MDRG4 TI-ISO7220MDRG4 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results

Similar Description - ISO7220MDR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
   Dual-Channel Digital Isolators
REV. B
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com