Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7631FMDW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7631FMDW
Description  Low-Power Triple and Quad-Channels Digital Isolators
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7631FMDW Datasheet(HTML) 2 Page - Texas Instruments

  ISO7631FMDW Datasheet HTML 1Page - Texas Instruments ISO7631FMDW Datasheet HTML 2Page - Texas Instruments ISO7631FMDW Datasheet HTML 3Page - Texas Instruments ISO7631FMDW Datasheet HTML 4Page - Texas Instruments ISO7631FMDW Datasheet HTML 5Page - Texas Instruments ISO7631FMDW Datasheet HTML 6Page - Texas Instruments ISO7631FMDW Datasheet HTML 7Page - Texas Instruments ISO7631FMDW Datasheet HTML 8Page - Texas Instruments ISO7631FMDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ISO7631FM, ISO7631FC, ISO7641FC
SLLSEC3E – SEPTEMBER 2012 – REVISED AUGUST 2015
www.ti.com
Table of Contents
7.17
Switching Characteristics: VCC1 at 5 V ± 10% and
1
Features .................................................................. 1
VCC2 at 3.3 V ± 10% ................................................ 11
2
Applications ........................................................... 1
7.18
Switching Characteristics: VCC1 at 3.3 V ± 10% and
3
Description ............................................................. 1
VCC2 at 5 V ± 10% ................................................... 12
4
Revision History..................................................... 2
7.19
Switching Characteristics: VCC1 and VCC2 at 3.3 V ±
10% .......................................................................... 12
5
Available Options................................................... 4
7.20
Switching Characteristics: VCC1 and VCC2 at 2.7 V
6
Pin Configuration and Functions ......................... 4
................................................................................. 13
7
Specifications......................................................... 5
7.21
Typical Characteristics .......................................... 14
7.1
Absolute Maximum Ratings ...................................... 5
8
Parameter Measurement Information ................ 17
7.2
ESD Ratings.............................................................. 5
9
Detailed Description ............................................ 19
7.3
Recommended Operating Conditions ....................... 5
9.1
Overview ................................................................. 19
7.4
Thermal Information ................................................. 6
9.2
Functional Block Diagram ....................................... 19
7.5
Electrical Characteristics: VCC1 and VCC2 at 5 V ±
9.3
Feature Description................................................. 20
10% ............................................................................ 6
9.4
Device Functional Modes........................................ 22
7.6
Electrical Characteristics: VCC1 at 5 V ± 10% and
VCC2 at 3.3 V ± 10% .................................................. 6
10
Application and Implementation........................ 23
7.7
Electrical Characteristics: VCC1 at 3.3 V ± 10% and
10.1
Application Information.......................................... 23
VCC2 at 5 V ± 10% ..................................................... 7
10.2
Typical Application ............................................... 24
7.8
Electrical Characteristics: VCC1 and VCC2 at 3.3 V ±
11
Power Supply Recommendations ..................... 27
10% ............................................................................ 7
12
Layout................................................................... 27
7.9
Electrical Characteristics: VCC1 and VCC2 at 2.7 V
(ISO7631FM Only) ..................................................... 7
12.1
Layout Guidelines ................................................. 27
7.10
Power Dissipation Characteristics .......................... 7
12.2
Layout Example .................................................... 27
7.11
Supply Current Characteristics: VCC1 and VCC2 at 5
13
Device and Documentation Support ................. 28
V ± 10% ..................................................................... 8
13.1
Documentation Support ........................................ 28
7.12
Supply Current Characteristics: VCC1 at 5 V ± 10%
13.2
Related Links ........................................................ 28
and VCC2 at 3.3 V ± 10% ........................................... 9
13.3
Community Resources.......................................... 28
7.13
Supply Current Characteristics: VCC1 at 3.3 V ± 10%
13.4
Trademarks ........................................................... 28
and VCC2 at 5 V ± 10% .............................................. 9
13.5
Electrostatic Discharge Caution ............................ 28
7.14
Supply Current Characteristics: VCC1 and VCC2 at
13.6
Glossary ................................................................ 28
3.3 V ± 10% ............................................................. 10
14
Mechanical, Packaging, and Orderable
7.15
Supply Current Characteristics: VCC1 and VCC2 at
2.7 V (ISO7631FM Only) ........................................ 10
Information ........................................................... 28
7.16
Switching Characteristics: VCC1 and VCC2 at 5 V ±
10% .......................................................................... 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (September 2013) to Revision E
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section. ............................. 1
Added 2.7-V (M-Grade), 3.3-V and 5-V Level Translation to Features section ..................................................................... 1
Deleted marked as column from Available Options table....................................................................................................... 4
Added Footnote 3 to Absolute Maximum Ratings table. ........................................................................................................ 5
Changed thermal metric values in the Thermal Information table. ........................................................................................ 6
Changed VCCX to VCCOin Electrical Characteristics: VCC1 and VCC2 at 5 V ± 10% table. ........................................................ 6
Added cross-reference to VI = VCCI in the Electrical Characteristics: VCC1 and VCC2 at 5 V ± 10% table. ....................... 6
Changed Footnote 1 of the Electrical Characteristics: VCC1 and VCC2 at 5 V ± 10% table for clarification. ..................... 6
Added cross-reference to VI = VCCI in the Electrical Characteristics: VCC1 at 5 V ± 10% and VCC2 at 3.3 V ± 10%
table. ....................................................................................................................................................................................... 6
Added footnote to the Electrical Characteristics: VCC1 at 3.3 V ± 10% and VCC2 at 5 V ± 10% table. .............................. 7
Changed VCCX to VCCO in the Electrical Characteristics: VCC1 and VCC2 at 3.3 V ± 10% table. ........................................ 7
2
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: ISO7631FM ISO7631FC ISO7641FC


Similar Part No. - ISO7631FMDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7631FMDW TI-ISO7631FMDW Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Triple and Quad Channels Digital Isolators
ISO7631FMDWR TI-ISO7631FMDWR Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Triple and Quad Channels Digital Isolators
More results

Similar Description - ISO7631FMDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7631FM TI-ISO7631FM Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Triple and Quad Channels Digital Isolators
ISO7640FM TI1-ISO7640FM Datasheet
956Kb / 29P
[Old version datasheet]   Low Power Quad Channels Digital Isolators
ISO7131CCDBQ TI1-ISO7131CCDBQ Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7141FCCDBQR TI-ISO7141FCCDBQR Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140CCDBQ TI-ISO7140CCDBQ Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CC TI1-ISO7131CC Datasheet
546Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI1-ISO7140FCC Datasheet
488Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
logo
Skyworks Solutions Inc.
SI8630 SKYWORKS-SI8630 Datasheet
1,017Kb / 38P
   Low-Power Triple-Channel Digital Isolators
Revision 1.82 March 2019
logo
Silicon Laboratories
SI8630 SILABS-SI8630 Datasheet
750Kb / 36P
   Low-Power Triple-Channel Digital Isolators
SI8640BA-B-IU SILABS-SI8640BA-B-IU Datasheet
804Kb / 42P
   Low-Power Quad-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com