Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1541DR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1541DR
Description  Low-Power Bidirectional I2C Isolators
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1541DR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO1541DR Datasheet HTML 4Page - Texas Instruments ISO1541DR Datasheet HTML 5Page - Texas Instruments ISO1541DR Datasheet HTML 6Page - Texas Instruments ISO1541DR Datasheet HTML 7Page - Texas Instruments ISO1541DR Datasheet HTML 8Page - Texas Instruments ISO1541DR Datasheet HTML 9Page - Texas Instruments ISO1541DR Datasheet HTML 10Page - Texas Instruments ISO1541DR Datasheet HTML 11Page - Texas Instruments ISO1541DR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
0
10
20
30
40
50
60
70
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
VCC1 and VCC2 = 3.3 V, R1 = 953
VCC1 and VCC2 = 5 V, R1 = 1430
C1 = 10 pF
G009
0
10
20
30
40
50
60
70
80
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
VCC1 and VCC2 = 3.3 V, R1 = 953
VCC1 and VCC2 = 5 V, R1 = 1430
C1 = 10 pF
G010
1000
1005
1010
1015
1020
1025
1030
1035
1040
1045
1050
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
VCC1 and VCC2 = 3.3 V
VCC1 and VCC2 = 5 V
R2 = 2.2 k
C2 = 400 pF
G007
0
10
20
30
40
50
60
70
80
90
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
VCC1 and VCC2 = 3.3 V
VCC1 and VCC2 = 5 V
R2 = 2.2 k
C2 = 400 pF
G008
0
5
10
15
20
25
30
35
40
45
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
VCC1 and VCC2 = 3.3 V,R2 = 95.3
VCC1 and VCC2 = 5 V,R2 = 143
C2 = 10 pF
G005
0
20
40
60
80
100
120
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
VCC1 and VCC2 = 3.3 V,R2 = 95.3
VCC1 and VCC2 = 5 V,R2 = 143
C2 = 10 pF
G006
ISO1540, ISO1541
SLLSEB6C – JULY 2012 – REVISED JUNE 2015
www.ti.com
Typical Characteristics (continued)
Figure 7. tPLH1-2 Propagation Delay vs Free-Air Temperature
Figure 8. tPHL1-2 Propagation Delay vs Free-Air Temperature
Figure 9. tPLH1-2 Propagation Delay vs Free-Air Temperature
Figure 10. tPHL1-2 Propagation Delay vs Free-Air
Temperature
Figure 11. tPLH2-1 Propagation Delay vs Free-Air
Figure 12. tPHL2-1 Propagation Delay vs Free-Air
Temperature
Temperature
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: ISO1540 ISO1541


Similar Part No. - ISO1541DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1541DR TI1-ISO1541DR Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1541DR TI1-ISO1541DR Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1541DR TI1-ISO1541DR Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
More results

Similar Description - ISO1541DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540_1210 TI1-ISO1540_1210 Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_17 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_13 Datasheet
996Kb / 24P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540-Q1 TI1-ISO1540-Q1 Datasheet
573Kb / 30P
[Old version datasheet]   ISO154x-Q1 Low-Power Bidirectional I2C Isolators
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
[Old version datasheet]   ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
logo
Silicon Laboratories
SI840X SILABS-SI840X_18 Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
SI840X SILABS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
[Old version datasheet]   ISO164x Robust-EMC Bidirectional I2C Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com