Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYE25L128160AC-8 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYE25L128160AC-8
Description  128-MBIT SYNCHRONOUS LOW-POWER DRAM IN CHIPSIZE PACKAGES
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYE25L128160AC-8 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYE25L128160AC-8 Datasheet HTML 2Page - Infineon Technologies AG HYE25L128160AC-8 Datasheet HTML 3Page - Infineon Technologies AG HYE25L128160AC-8 Datasheet HTML 4Page - Infineon Technologies AG HYE25L128160AC-8 Datasheet HTML 5Page - Infineon Technologies AG HYE25L128160AC-8 Datasheet HTML 6Page - Infineon Technologies AG HYE25L128160AC-8 Datasheet HTML 7Page - Infineon Technologies AG HYE25L128160AC-8 Datasheet HTML 8Page - Infineon Technologies AG HYE25L128160AC-8 Datasheet HTML 9Page - Infineon Technologies AG HYE25L128160AC-8 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
HYB/E 25L128160AC
128-MBit Mobile-RAM
INFINEON Technologies
6
2003-02
LDQM
UDQM,
Input
Pulse
Active
High
The Data Input/Output mask places the DQ buffers in a
high impedance state when sampled high. In Read mode,
DQM has a latency of two clock cycles and controls the
output buffers like an output enable. In Write mode, DQMx
has a latency of zero and operates as a word mask by
allowing input data to be written if it is low but blocks the
write operation if DQM is high.
LDQM and UDQM controls the lower and upper bytes in
x16 SDRAM.
V
DD
V
SS
Supply ––
Power and ground for the input buffers and the core logic.
V
DDQ
V
SSQ
Supply ––
Isolated power supply and ground for the output buffers to
provide improved noise immunity.
Pin
Type
Signal Polarity Function


Similar Part No. - HYE25L128160AC-8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYE25L128160AC-7.5 INFINEON-HYE25L128160AC-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
More results

Similar Description - HYE25L128160AC-8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39L128160AC INFINEON-HYB39L128160AC Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
logo
Qimonda AG
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
logo
Qimonda AG
HYB39SC128800FE QIMONDA-HYB39SC128800FE Datasheet
1Mb / 20P
   128-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S32400D ISSI-IS42S32400D Datasheet
479Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400B ISSI-IS42S32400B Datasheet
624Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S32400B ISSI-IS45S32400B Datasheet
622Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L256160AC INFINEON-HYB39L256160AC Datasheet
632Kb / 48P
   256 MBit Synchronous Low-Power DRAM
2002-12-20
logo
Integrated Silicon Solu...
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com