Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD39030 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LD39030
Description  300 mA very low quiescent current linear regulator IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39030 Datasheet(HTML) 5 Page - STMicroelectronics

  LD39030 Datasheet HTML 1Page - STMicroelectronics LD39030 Datasheet HTML 2Page - STMicroelectronics LD39030 Datasheet HTML 3Page - STMicroelectronics LD39030 Datasheet HTML 4Page - STMicroelectronics LD39030 Datasheet HTML 5Page - STMicroelectronics LD39030 Datasheet HTML 6Page - STMicroelectronics LD39030 Datasheet HTML 7Page - STMicroelectronics LD39030 Datasheet HTML 8Page - STMicroelectronics LD39030 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LD39030
Typical application
DocID028649 Rev 1
5/21
3
Typical application
Figure 3: Typical application circuits


Similar Part No. - LD39030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
LD39030SJ10R STMICROELECTRONICS-LD39030SJ10R Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
LD39030SJ126R STMICROELECTRONICS-LD39030SJ126R Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
LD39030SJ12R STMICROELECTRONICS-LD39030SJ12R Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
LD39030SJ285R STMICROELECTRONICS-LD39030SJ285R Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
More results

Similar Description - LD39030

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39020 STMICROELECTRONICS-LD39020 Datasheet
2Mb / 30P
   200 mA very low quiescent current linear regulator IC
LDBL20 STMICROELECTRONICS-LDBL20 Datasheet
1Mb / 19P
   200 mA very low quiescent current linear regulator IC
November 2015 Rev 1
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
   300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
logo
STMicroelectronics
LD59030 STMICROELECTRONICS-LD59030 Datasheet
1Mb / 24P
   300 mA very low dropout linear regulator IC
Rev 8 - March 2021
logo
Analog Devices
ADP170 AD-ADP170 Datasheet
538Kb / 20P
   300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com