Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYE25L128160AC-75 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYE25L128160AC-75
Description  128-MBIT SYNCHRONOUS LOW-POWER DRAM IN CHIPSIZE PACKAGES
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYE25L128160AC-75 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYE25L128160AC-75 Datasheet HTML 6Page - Infineon Technologies AG HYE25L128160AC-75 Datasheet HTML 7Page - Infineon Technologies AG HYE25L128160AC-75 Datasheet HTML 8Page - Infineon Technologies AG HYE25L128160AC-75 Datasheet HTML 9Page - Infineon Technologies AG HYE25L128160AC-75 Datasheet HTML 10Page - Infineon Technologies AG HYE25L128160AC-75 Datasheet HTML 11Page - Infineon Technologies AG HYE25L128160AC-75 Datasheet HTML 12Page - Infineon Technologies AG HYE25L128160AC-75 Datasheet HTML 13Page - Infineon Technologies AG HYE25L128160AC-75 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
HYB/E 25L128160AC
128-MBit Mobile-RAM
INFINEON Technologies
10
2003-02
@‘‡rqrqÃH‚qrÃSrtv†‡r…ÃUhiyr
SrhqÃhqÃX…v‡rÃPƒr…h‡v‚
When RAS is low and both CAS and WE are high at the positive edge of the clock, a RAS cycle
starts. According to address data, a word line of the selected bank is activated and all of sense
amplifiers associated to the wordline are set. A CAS cycle is triggered by setting RAS high and CAS
low at a clock timing after a necessary delay,
W
RCD, from the RAS timing. WE is used to define either
a read (WE = H) or a write (WE = L) at this stage.
SDRAM provides a wide variety of fast access modes. In a single CAS cycle, serial data read or
write operations are allowed at up to a 133 MHz data rate. The numbers of serial data bits are the
burst length programmed at the mode set operation, i.e., one of 1, 2, 4, 8 and full page. Column
addresses are segmented by the burst length and serial data accesses are done within this
boundary. The first column address to be accessed is supplied at the CAS timing and the
subsequent addresses are generated automatically by the programmed burst length and its
sequence. For example, in a burst length of 8 with interleave sequence, if the first address is ‘2’,
then the rest of the burst sequence is 3, 0, 1, 6, 7, 4, and 5.
Full page burst operation is only possible using the sequential burst type and page length is a
function of the I/O organisation and column addressing. Full page burst operation does not self
terminate once the burst length has been reached. In other words, unlike burst length of 2, 4 and 8,
full page burst continues until it is terminated using another command.
BA1 BA0 A11 A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Bus (Ax)
Mode Register (Mx)
M4
M3
0
0
1
0
0
1
1
1
M1
M0
M2
1
0
0
0
0
1
1
1
0
1
0
0
1
1
0
0
1
1
1
1
1
0
0
0
1*)
0*)
*)BA1 and BA0 must be 1, 0 to select the Extended Mode Register (Vs. the Mode Register)
TCR
PASR
Temperature-Compensated
Self-Refresh:
max.
case temp.
45 C
0
70 C
0
85 C
0
15 C
0
Partial-Array Self Refresh:
banks to be
self-refreshed
all banks
1/2 array (BA1=0)
1/4 array (BA1=0, BA0=0)
Reserved
Reserved
1/8 array (BA1=BA0=0, RA11=0)
Reserved
all have to be set to "0"
1/16 array (BA1=BA0=0,
RA11=RA10=0)


Similar Part No. - HYE25L128160AC-75

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYE25L128160AC-7.5 INFINEON-HYE25L128160AC-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
More results

Similar Description - HYE25L128160AC-75

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39L128160AC INFINEON-HYB39L128160AC Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
logo
Qimonda AG
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
logo
Qimonda AG
HYB39SC128800FE QIMONDA-HYB39SC128800FE Datasheet
1Mb / 20P
   128-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16800A1 ISSI-IS42S16800A1 Datasheet
962Kb / 63P
   8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S32400D ISSI-IS42S32400D Datasheet
479Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS42S32400B ISSI-IS42S32400B Datasheet
624Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
IS45S32400B ISSI-IS45S32400B Datasheet
622Kb / 60P
   4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Infineon Technologies A...
HYB39L256160AC INFINEON-HYB39L256160AC Datasheet
632Kb / 48P
   256 MBit Synchronous Low-Power DRAM
2002-12-20
logo
Integrated Silicon Solu...
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com