Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLLB120100 Datasheet(PDF) 4 Page - ALPS ELECTRIC CO.,LTD.

Part # SLLB120100
Description  Lever and Push Operation Type Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SLLB120100 Datasheet(HTML) 4 Page - ALPS ELECTRIC CO.,LTD.

  SLLB120100 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SLLB120100 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SLLB120100 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SLLB120100 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
461
I max.
H max.
300
200
100
Room
temperature
Pre-heating
E max.
Time(s)
A
B
C
D
F max.
G max.
Notes
1. The above temperature shall be measured on the mounting surface of a PC board. There are cases where the PC
board’s temperature greatly differs from that of the switch, depending on the material, size thickness of PC boards
and others. The above-stated conditions shall also apply to switch surface temperatures.
2. Soldering conditions differ depending on reflow soldering machines. Prior verification of soldering condition is
highly recommended.
Soldering surface temperature
Soldering temperature
Heating time
Soldering time
No. of solders
RKJXS
RKJXL
RKJXT1F, RKJXM
RKJXT1F, RKJXM, RKJXL,
SLLB, SLLB5, SRBE, SKRV, SKRH
Series
Series
350±5℃
3s max.
1 time
100℃ max.
260±5℃
2 min. max.
5±1s
2 time max.
350±10℃
3   s
2 time max.
120℃ max.
260℃ max.
70s max.
6s max.
2 time max.
Tip temperature
Soldering time
No. of solders
Preheating
Dip soldering
Reference for Dip Soldering
Example of Reflow Soldering Condition
Reference for Manual Soldering
SKRV, SKRH, SLLB, SRBE
SLLB5
RKJXS
Series
260℃
230℃
150℃
150℃
2 min.
10s
40s
4 min.
1 time
250℃
230℃
150℃
150℃
2 min.
30s
1 time
260℃
230℃
180℃
150℃
2 min.
40s
1 time
A
B
C
D
E
F
G
H
I
No. of reflows
Temperature profile
+1
−0
Switch Type / Soldering Conditions


Similar Part No. - SLLB120100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SLLB120100 ALPS-SLLB120100 Datasheet
208Kb / 4P
   Lever and Push Operation Type Switch
logo
List of Unclassifed Man...
SLLB120100 ETC-SLLB120100 Datasheet
144Kb / 4P
   Product Change Notice
June 8, 2020
More results

Similar Description - SLLB120100

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SLLB ALPS-SLLB Datasheet
208Kb / 4P
   Lever and Push Operation Type Switch
SLLB5 ALPS-SLLB5_15 Datasheet
775Kb / 4P
   Lever and Push Operation Type Switch
SLLB5 ALPS-SLLB5 Datasheet
204Kb / 4P
   Lever and Push Operation Type Switch
SRBE ALPS-SRBE Datasheet
245Kb / 4P
   Encoder and Push Operation Type Switch
SRBE ALPS-SRBE_15 Datasheet
828Kb / 4P
   Encoder and Push Operation Type Switch
SSAF ALPS-SSAF Datasheet
259Kb / 4P
   Slide Operation Type Stick Switch with 8-contact and Center-push Function
logo
SHINMEI ELECTRIC CO., L...
MLS-29AU SHINMEI-MLS-29AU Datasheet
174Kb / 5P
   Detector Switch ( Lever Type )
logo
Panasonic Semiconductor
EVQWK PANASONIC-EVQWK Datasheet
93Kb / 2P
   Edge Drive Jog Encoders Tactile rotary operation and push operation
logo
Yamaichi Electronics Co...
FMS006Z-2000-0 YAMAICHI-FMS006Z-2000-0 Datasheet
128Kb / 1P
   SIM Card Reader (Push / Push, Std. Type w. and w/o Switch)
FMS006Z-2100-0 YAMAICHI-FMS006Z-2100-0 Datasheet
160Kb / 1P
   SIM Card Reader (Push / Push, Reversed Type w. and w/o Switch)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com