Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FERD30SM100DJF Datasheet(PDF) 5 Page - STMicroelectronics

Part No. FERD30SM100DJF
Description  Field effect rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FERD30SM100DJF Datasheet(HTML) 5 Page - STMicroelectronics

  FERD30SM100DJF Datasheet HTML 1Page - STMicroelectronics FERD30SM100DJF Datasheet HTML 2Page - STMicroelectronics FERD30SM100DJF Datasheet HTML 3Page - STMicroelectronics FERD30SM100DJF Datasheet HTML 4Page - STMicroelectronics FERD30SM100DJF Datasheet HTML 5Page - STMicroelectronics FERD30SM100DJF Datasheet HTML 6Page - STMicroelectronics FERD30SM100DJF Datasheet HTML 7Page - STMicroelectronics FERD30SM100DJF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DocID027306 Rev 1
5/8
FERD30SM100DJF
Package information
8
2
Package information
Epoxy meets UL94, V0
Cooling method: by conduction (C)
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 8. PowerFLAT-8L dimensions (definitions)
Table 5. PowerFLAT-8L dimensions (values)
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.00
0.031
0.039
A1
0.02
0.05
0.001
0.002
A2
0.25
0.010
b
0.30
0.50
0.012
0.020
D
5.20
0.205
D2
4.11
4.31
0.162
0.170
e
1.27
0.050
E
6.15
0.242
E2
3.50
3.70
0.138
0.146
L
0.50
0.80
0.020
0.031
K
1.275
1.575
0.050
0.062
D2
E2
K
L
b
e
D
E
A
A1
A2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL