Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB18T256800AF-3S Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # HYB18T256800AF-3S
Description  256 Mbi t DDR2 SDRAM
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB18T256800AF-3S Datasheet(HTML) 3 Page - Infineon Technologies AG

  HYB18T256800AF-3S Datasheet HTML 1Page - Infineon Technologies AG HYB18T256800AF-3S Datasheet HTML 2Page - Infineon Technologies AG HYB18T256800AF-3S Datasheet HTML 3Page - Infineon Technologies AG HYB18T256800AF-3S Datasheet HTML 4Page - Infineon Technologies AG HYB18T256800AF-3S Datasheet HTML 5Page - Infineon Technologies AG HYB18T256800AF-3S Datasheet HTML 6Page - Infineon Technologies AG HYB18T256800AF-3S Datasheet HTML 7Page - Infineon Technologies AG HYB18T256800AF-3S Datasheet HTML 8Page - Infineon Technologies AG HYB18T256800AF-3S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
HYB18T256400/800/160AF
256Mb DDR2 SDRAM
INFINEON Technologies
Page 3
Rev. 1.02
May 2004
Rainer.Weidlich@Infineon.com
Features
High Performance:
• 1.8V ± 0.1V Power Supply
1.8 V ± 0.1V (SSTL_18) compatible) I/O
• DRAM organisations with 4, 8 and 16 data in/outputs
• Double Data Rate architecture: two data transfers per
clock cycle, four internal banks for concurrent operation
•CAS Latency: 3, 4 and 5
• Burst Length: 4 and 8
Speed Sorts
-5
DDR2
-400
-3.7
DDR2
-533
-3S
DDR2
-667
-3
DDR2
-667
Units
Bin (CL-tRCD-TRP)
3-3-3 4-4-4 5-5-5 4-4-4
tck
max. Clock
Frequency
200
266
333
MHz
Data Rate
400
533
667
Mb/s/pin
CAS Latency (CL)
3
4
5
4
tck
tRCD
15
15
15
12
ns
tRP
15151512
ns
tRAS
40
45
45
45
ns
tRC
55606057
ns
• Differential clock inputs (CK and CK)
• Bi-directional, differential data strobes (DQS and
DQS) are transmitted / received with data. Edge
aligned with
read data and center-aligned with write data
• DLL aligns DQ and DQS transitions with clock
•DQS can be disabled for single-ended data strobe
operation
• Commands entered on each positive clock edge, data
and data mask are referenced to both edges of DQS
• Data masks (DM) for write data
•Posted CAS by programmable additive latency for
better command and data bus efficiency
• Off-Chip-Driver impedance adjustment (OCD) and
On-Die-Termination (ODT) for better signal quality.
• Auto-Precharge operation for read and write bursts
• Auto-Refresh, Self-Refresh and power saving Power-
Down modes
• Average Refresh Period 7.8µs at a TCASE lower than
85oC, 3.9µs between 85oC and 95oC
• Normal and Weak Strength Data-Output Drivers
• 1k page size
• Lead-freePackages:
60 pin FBGA for x4 & x8 components
84 pin FBPA for x16 components
1.0 Description
The 256Mb Double-Data-Rate-2 (DDR2) DRAMs are high-
speed CMOS Double Data Rate 2 Synchronous DRAM
devices containing 268,435,456 bits and are internally config-
ured as a quad-bank DRAMs. The 256Mb chip is organized
as either 16Mbit x 4 I/O x 4 bank, 8Mbit x 8 I/O x 4 bank or
4Mbit x 16 I/O x 4 bank device. These synchronous devices
achieve high speed double-data-rate transfer rates of up to
667 Mb/sec/pin for general applications.
The chip is designed to comply with all key DDR2 DRAM key
features: (1) posted CAS with additive latency, (2) write
latency = read latency -1, (3) normal and weak strength data-
output driver, (4) Off-Chip Driver (OCD) impedance adjust-
ment and (5) an ODT (On-Die Termination) function.
All of the control and address inputs are synchronized with
a pair of externally supplied differential clocks. Inputs are
latched at the cross point of differential clocks (CK rising
and CK falling). All I/Os are synchronized with a single
ended DQS or differential (DQS, DQS) pair in a source
synchronous fashion. A 15 bit address bus is used to con-
vey row, column and bank address information in a RAS /
CAS multiplexing style.
The DDR2 devices operate with a 1.8V +/-0.1V power
supply and are available in FBGA packages.
An Auto-Refresh and Self-Refresh mode is provided along
with various power-saving power-down modes.
The functionality described and the timing specifications
included in this data sheet are for the DLL Enabled mode
of operation.
.
DATASHEET Rev. 1.02 (05.04)


Similar Part No. - HYB18T256800AF-3S

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T256800AF QIMONDA-HYB18T256800AF Datasheet
4Mb / 67P
   240-Pin Registered DDR2 SDRAM Modules
HYB18T256800AF QIMONDA-HYB18T256800AF Datasheet
4Mb / 73P
   240-Pin Unbuffered DDR2 SDRAM Modules
More results

Similar Description - HYB18T256800AF-3S

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB18T256161BF QIMONDA-HYB18T256161BF Datasheet
1Mb / 40P
   256-Mbit x16 DDR2 SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF Datasheet
2Mb / 54P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
HYB18TC256160AF QIMONDA-HYB18TC256160AF_1 Datasheet
1Mb / 55P
   256-Mbit Double-Data-Rate-Two SDRAM DDR2 SDRAM
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
MT47H1G4 MICRON-MT47H1G4 Datasheet
333Kb / 12P
   DDR2 SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com