Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH30AC06CWL Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH30AC06CWL
Description  Turbo 2 ultrafast high voltage rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30AC06CWL Datasheet(HTML) 4 Page - STMicroelectronics

  STTH30AC06CWL Datasheet HTML 1Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 2Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 3Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 4Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 5Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 6Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 7Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 8Page - STMicroelectronics STTH30AC06CWL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Characteristics
STTH30AC06C
4/13
DocID025011 Rev3
Figure 5. Relative variation of thermal
impedance, junction to case, versus pulse
duration (TO-3PF)
Figure 6. Peak reverse recovery current versus
dIF/dt (typical values, per diode)
Zth( j-c) /Rth( j-c)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
t (s)
P
Single pulse
TO- 3PF
0
4
8
12
16
0
50
100 150 200
250 300 350 400
450 500
IRM(A)
IF = 15 A
VR= 400 V
T j = 125°C
dlF/dt(A/µs)
Figure 7. Reverse recovery time versus dIF/dt
(typical values, per diode)
Figure 8. Reverse recovery charges versus
dIF/dt (typical values, per diode)
tRR(ns)
0
50
100
150
200
250
300
350
400
0
50
100 150 200 250 300 350 400 450 500
dlF/dt(A/µs)
IF = 15 A
VR= 400 V
T j = 125°C
0
100
200
300
400
500
600
700
800
0
50
100 150 200 250 300 350 400 450 500
IF = 15 A
VR= 400 V
T j = 125°C
dlF/dt(A/µs)
Q RR(nC)
Figure 9. Reverse recovery softness factor
versus dIF/dt (typical values, per diode)
Figure 10. Relative variations of dynamic
parameters versus junction temperature
0.0
0.5
1.0
1.5
2.0
0
50
100 150 200 250 300 350 400 450 500
dlF/dt(A/µs)
IF = 15 A
VR= 400 V
T j = 125°C
SFACTOR
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
25
50
75
100
125
IRM
SFACTOR
QRR
IF = 15 A
VR= 400 V
Reference: T j = 125°C
Tj (°C)


Similar Part No. - STTH30AC06CWL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH30ACS06W STMICROELECTRONICS-STTH30ACS06W Datasheet
176Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
September 2015 Rev 1
More results

Similar Description - STTH30AC06CWL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH6006W STMICROELECTRONICS-STTH6006W Datasheet
99Kb / 7P
   Turbo 2 ultrafast - high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com