Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD12S016PWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPD12S016PWR
Description  HDMI Companion Chip
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD12S016PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD12S016PWR Datasheet HTML 2Page - Texas Instruments TPD12S016PWR Datasheet HTML 3Page - Texas Instruments TPD12S016PWR Datasheet HTML 4Page - Texas Instruments TPD12S016PWR Datasheet HTML 5Page - Texas Instruments TPD12S016PWR Datasheet HTML 6Page - Texas Instruments TPD12S016PWR Datasheet HTML 7Page - Texas Instruments TPD12S016PWR Datasheet HTML 8Page - Texas Instruments TPD12S016PWR Datasheet HTML 9Page - Texas Instruments TPD12S016PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TPD12S016
SLLSE96F – SEPTEMBER 2011 – REVISED OCTOBER 2015
www.ti.com
6.3 Recommended Operating Conditions
over recommended operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCCA
Supply voltage
1.1
3.6
V
VCC5V
Supply voltage
4.5
5.5
V
SCL_A, SDA_A
VCCA =1.1 V to 3.6 V
0.7 × VCCA
VCCA
V
CEC_A
VCCA =1.1 V to 3.6 V
0.7 × VCCA
VCCA
V
CT__HPD, LS_OE
VCCA =1.1 V to 3.6 V
1.0
VCCA
V
VIH
High-level input voltage
SCL_B, SDA_B
5V_OUT = 5.0 V
0.7 × 5V_OUT
5V_OUT
V
CEC_B
5V_OUT = 5.0 V
0.7 × V3P3
(1)
V3P3
HPD_B
5V_OUT = 5.0 V
2.0
5V_OUT
SCL_A, SDA_A
VCCA =1.1 V to 3.6 V
–0.5
0.082 × VCCA
V
CEC_A
VCCA =1.1 V to 3.6 V
–0.5
0.082 × VCCA
V
CT_HPD, LS_OE
VCCA =1.1 V to 3.6 V
–0.5
0.4
V
VIL
Low-level input voltage
SCL_B, SDA_B
5V_OUT = 5.0 V
–0.5
0.3 × 5V_OUT
V
CEC_B
5V_OUT = 5.0 V
–0.5
0.3 × V3P3
V
HPD_B
5V_OUT = 5.0 V
0
0.8
V
(contention) Low-level
VILC
SCL_A, SDA_A, CEC_A
VCCA =1.1 V to 3.6 V
–0.5
0.065 × VCCA
V
input voltage
Delta between VOL and
VOL - VILC
SCL_A, SDA_A, CEC_A
VCCA =1.1 V to 3.6 V
0.1 × VCCA
mV
VILC
TA
Operating free-air temperature
–40
85
°C
(1)
The V3P3 is an internal 3.3V power supply node. The V3P3 is generated from the 5V supply pin through the on-chip LDO.
6.4 Thermal Information
TPD12S016
THERMAL METRIC(1)
RKT (UQFN)
PW (TSSOP)
UNIT
24 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
77.9
88.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
24.0
26.5
°C/W
RθJB
Junction-to-board thermal resistance
29.3
43.5
°C/W
ψJT
Junction-to-top characterization parameter
0.5
1.1
°C/W
ψJB
Junction-to-board characterization parameter
29.3
43.0
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPD12S016


Similar Part No. - TPD12S016PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 26P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12 Channel ESD, and Current-Limit Load Switch
TPD12S016PWR TI1-TPD12S016PWR Datasheet
1Mb / 32P
[Old version datasheet]   HDMI Companion Chip with I2C Level Shifting Buffer, 12-Channel ESD Protection, and Current-Limit Load Switch
More results

Similar Description - TPD12S016PWR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX8510 PHILIPS-PNX8510 Datasheet
2Mb / 92P
   Analog companion chip
Rev. 04??2 January 2004
logo
EPCOS
S1D13A05B00B200 EPCOS-S1D13A05B00B200 Datasheet
1Mb / 184P
   LCD/USB Companion Chip
logo
Texas Instruments
TPD5S116 TI-TPD5S116 Datasheet
1Mb / 28P
[Old version datasheet]   HDMI COMPANION CHIP WITH LEVEL SHIFTING BUFFER 5V LOAD SWITCH AND ESD PROTECTION
logo
IC-Haus GmbH
IC-TW14 ICHAUS-IC-TW14 Datasheet
684Kb / 33P
   IC-PMX Companion Chip
logo
Texas Instruments
TPD5S115 TI-TPD5S115 Datasheet
493Kb / 23P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC CONVERTER, LEVEL-SHIFTER, AND ESD CLAMP
TPD12S015 TI1-TPD12S015_14 Datasheet
2Mb / 32P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
TPD12S015A TI1-TPD12S015A Datasheet
1Mb / 33P
[Old version datasheet]   HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED
logo
NEC
UPD31172 NEC-UPD31172 Datasheet
278Kb / 9P
   VRC4172TM COMPANION CHIP FOR VR4121TM
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
   Time-of-Flight Companion Chip
logo
List of Unclassifed Man...
ES3207 ETC-ES3207 Datasheet
72Kb / 4P
   Video CD/DVD Companion Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com