Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD8S009 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPD8S009
Description  8-Channel ESD Protection for DisplayPort and HDMI
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD8S009 Datasheet(HTML) 1 Page - Texas Instruments

  TPD8S009_15 Datasheet HTML 1Page - Texas Instruments TPD8S009_15 Datasheet HTML 2Page - Texas Instruments TPD8S009_15 Datasheet HTML 3Page - Texas Instruments TPD8S009_15 Datasheet HTML 4Page - Texas Instruments TPD8S009_15 Datasheet HTML 5Page - Texas Instruments TPD8S009_15 Datasheet HTML 6Page - Texas Instruments TPD8S009_15 Datasheet HTML 7Page - Texas Instruments TPD8S009_15 Datasheet HTML 8Page - Texas Instruments TPD8S009_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
GND
GND
V
CC
D3–
D3+
D2–
D2+
D1–
D1+
D0–
D0+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPD8S009
SLVS816A – JULY 2008 – REVISED DECEMBER 2015
TPD8S009 8-Channel ESD Protection for DisplayPort and HDMI
1 Features
3 Description
The TPD8S009 device is an eight-channel TVS diode
1
IEC 61000-4-2 Level 4 ESD Protection
array for ESD protection. The TPD8S009 is rated to
±8-kV Contact Discharge
dissipate contact ESD strikes at the maximum level
IEC 61000-4-5 Surge Protection
specified in the IEC 61000-4-2 international standard
(Level
4),
with
±8-kV
contact
discharge
ESD
2.5 A (8 / 20 µs)
protection. The low capacitance (0.8 pF) of this
I/O Capacitance: 0.8 pF (Typical)
device, coupled with the excellent matching between
Low Leakage Current: 10 nA (Typical)
differential signal pairs enables this device to provide
transient voltage suppression circuit protection for
Supports High-Speed Differential Data Rates
high-speed idfferential data rates (3-dB bandwidth >
(3-dB Bandwidth > 4 GHz)
4 GHz).
Ioff Feature
The TPD8S009 is offered in a 8-pin SON package.
Industrial Temperature Range:
This package offers easy design and layout, as the
–40°C to +85°C
package
matches
exactly
with
the
HDMI
and
Easy Straight-Through Routing Package for
DisplayPort high-speed pinout.
HDMI and DisplayPort Connectors
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
End Equipment
TPD8S009
SON (15)
2.50 mm × 6.50 mm
Set-Top Boxes
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Laptops and Desktops
Projectors
Video Surveillance
Interfaces
DisplayPort 1.1
HDMI 1.4
DVI
Simplified Internal Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPD8S009_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD8S009 TI-TPD8S009_1 Datasheet
865Kb / 12P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI1-TPD8S009_14 Datasheet
1Mb / 14P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
More results

Similar Description - TPD8S009_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD8S009 TI-TPD8S009 Datasheet
637Kb / 10P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI-TPD8S009_1 Datasheet
865Kb / 12P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
TPD8S009 TI1-TPD8S009_14 Datasheet
1Mb / 14P
[Old version datasheet]   8-CHANNEL DISPLAY/HDMI PORT ESD PROTECTION
logo
STMicroelectronics
DPIULC6 STMICROELECTRONICS-DPIULC6 Datasheet
193Kb / 9P
   ESD protection for internal DisplayPort?
April 2010 Rev 2
logo
NXP Semiconductors
IP4280CZ10 NXP-IP4280CZ10 Datasheet
63Kb / 8P
   ESD protection for HDMI interface
Rev. 01-6 June 2007
logo
Nexperia B.V. All right...
IP4280CZ10 NEXPERIA-IP4280CZ10 Datasheet
178Kb / 9P
   ESD protection for HDMI interface
Rev. 01 - 6 June 2007
logo
Semtech Corporation
RCLAMP0544M SEMTECH-RCLAMP0544M Datasheet
424Kb / 11P
   RailClamp짰 ESD Protection for HDMI Interfaces
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
logo
Texas Instruments
TPD4E02B04-Q1 TI1-TPD4E02B04-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
TPD4E02B04 TI1-TPD4E02B04 Datasheet
2Mb / 21P
[Old version datasheet]   4-Channel ESD Protection Diode for USB Type-C and HDMI 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com