Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB25D128160CT-6 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # HYB25D128160CT-6
Description  128 Mbit Double Data Rate SDRAM
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB25D128160CT-6 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button HYB25D128160CT-6 Datasheet HTML 6Page - Infineon Technologies AG HYB25D128160CT-6 Datasheet HTML 7Page - Infineon Technologies AG HYB25D128160CT-6 Datasheet HTML 8Page - Infineon Technologies AG HYB25D128160CT-6 Datasheet HTML 9Page - Infineon Technologies AG HYB25D128160CT-6 Datasheet HTML 10Page - Infineon Technologies AG HYB25D128160CT-6 Datasheet HTML 11Page - Infineon Technologies AG HYB25D128160CT-6 Datasheet HTML 12Page - Infineon Technologies AG HYB25D128160CT-6 Datasheet HTML 13Page - Infineon Technologies AG HYB25D128160CT-6 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
HYB25D128[400/800/160]C[C/E/T](L)
128 Mbit Double Data Rate SDRAM
Pin Configuration
Data Sheet
10
Rev. 1.0, 2004-04
2
Pin Configuration
The pin configuration of a DDR SDRAM is listed by function in Table 2 (60 pins). The abbreviations used in the
Pin#/Buffer# column are explained in Table 3 and Table 4 respectively. The pin numbering for FBGA is depicted
in Figure 1 and that of the TSOP package in Figure 2
Table 2
Pin Configuration of DDR SDRAM
Ball#/Pin#
Name
Pin
Type
Buffer
Type
Function
Clock Signals
G2, 45
CK1
I
SSTL
Clock Signal
Note: CK and CK are differential clock inputs. All address and
control input signals are sampled on the crossing of the
positive edge of CK and negative edge of CK. Output (read)
data is referenced to the crossings of CK and CK (both
directions of crossing).
G3, 46
CK1
I
SSTL
Complementary Clock Signal
H3, 44
CKE
I
SSTL
Clock Enable
Note: CKE HIGH activates, and CKE Low deactivates, internal
clock signals and device input buffers and output drivers.
Taking CKE Low provides Precharge Power-Down and Self
Refresh operation (all banks idle), or Active Power-Down
(row Active in any bank). CKE is synchronous for power
down entry and exit, and for self refresh entry. CKE is
asynchronous for self refresh exit. CKE must be maintained
high throughout read and write accesses. Input buffers,
excluding CK, CK and CKE are disabled during power-
down. Input buffers, excluding CKE, are disabled during self
refresh.
Control Signals
H7, 23
RAS
I
SSTL
Row Address Strobe
G8, 22
CAS
I
SSTL
Column Address Strobe
G7, 21
WE
I
SSTL
Write Enable
H8, 24
CS
I
SSTL
Chip Select
Note: All commands are masked when CS is registered HIGH. CS
provides for external bank selection on systems with
multiple banks. CS is considered part of the command code.
The standard pinout includes one CS pin.
Address Signals
J8, 26
BA0
I
SSTL
Bank Address Bus 2:0
Note: BA0 and BA1 define to which bank an Active, Read, Write
or Precharge command is being applied. BA0 and BA1 also
determines if the mode register or extended mode register
is to be accessed during a MRS or EMRS cycle.
J7, 27
BA1
I
SSTL


Similar Part No. - HYB25D128160CT-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D128160CT-6 QIMONDA-HYB25D128160CT-6 Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
More results

Similar Description - HYB25D128160CT-6

ManufacturerPart #DatasheetDescription
logo
Qimonda AG
HYB25D128160C QIMONDA-HYB25D128160C Datasheet
1Mb / 35P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D128400AT INFINEON-HYB25D128400AT Datasheet
2Mb / 79P
   128 Mbit Double Data Rate SDRAM
Rev. 1.06, Jan. 2003
logo
Qimonda AG
HYB25DC128800C QIMONDA-HYB25DC128800C Datasheet
1Mb / 32P
   128-Mbit Double-Data-Rate SDRAM
logo
Infineon Technologies A...
HYB25D256400B INFINEON-HYB25D256400B Datasheet
2Mb / 83P
   256 Mbit Double Data Rate SDRAM
Rev. 1.2, Feb. 2004
HYB25D256800CT INFINEON-HYB25D256800CT Datasheet
3Mb / 94P
   256 Mbit Double Data Rate SDRAM
Rev. 1.6, Dec. 2004
logo
Qimonda AG
HYB25D512800BT QIMONDA-HYB25D512800BT Datasheet
2Mb / 38P
   512-Mbit Double-Data-Rate SDRAM
HYB25DC512800C QIMONDA-HYB25DC512800C Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYB25D256800CE QIMONDA-HYB25D256800CE Datasheet
2Mb / 39P
   256-Mbit Double-Data-Rate SDRAM
HYB25DC512800B QIMONDA-HYB25DC512800B Datasheet
1Mb / 35P
   512-Mbit Double-Data-Rate SDRAM
HYI25DC512160CE QIMONDA-HYI25DC512160CE Datasheet
1Mb / 30P
   512-Mbit Double-Data-Rate SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com