Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2S017 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPD2S017
Description  2-Channel Ultra-Low Clamp Voltage ESD Solution
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S017 Datasheet(HTML) 3 Page - Texas Instruments

  TPD2S017_15 Datasheet HTML 1Page - Texas Instruments TPD2S017_15 Datasheet HTML 2Page - Texas Instruments TPD2S017_15 Datasheet HTML 3Page - Texas Instruments TPD2S017_15 Datasheet HTML 4Page - Texas Instruments TPD2S017_15 Datasheet HTML 5Page - Texas Instruments TPD2S017_15 Datasheet HTML 6Page - Texas Instruments TPD2S017_15 Datasheet HTML 7Page - Texas Instruments TPD2S017_15 Datasheet HTML 8Page - Texas Instruments TPD2S017_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1
6
Ch2_Out
2
5
V
CC
3
Ch1_Out
GND
Ch1_In
4
Ch2_In
TPD2S017
www.ti.com
SLLS949B – SEPTEMBER 2009 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
DBV Package
6-Pin SOT-23
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
Ch1_In
3
I
High-speed ESD clamp input
Ch2_In
4
Ch1_Out
1
O
High-speed ESD clamp output
Ch2_Out
6
GND
2
Ground
VCC
5
Optional power
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VIO
IO voltage
0
5
V
TA
Operating temperature
–40
85
°C
Tstg
Storage temperature
–85
125
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±15000
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
V(ESD)
Electrostatic discharge
V
C101(2)
IEC 61000-4-2 Contact Discharge
±11000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Operating free-air temperature, TA
–40
85
°C
VCC
0
5
Operating voltage
Ch1_In
0
VCC
V
Ch2_In
0
VCC
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPD2S017


Similar Part No. - TPD2S017_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S017 TI1-TPD2S017_14 Datasheet
802Kb / 12P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
More results

Similar Description - TPD2S017_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S017 TI1-TPD2S017_14 Datasheet
802Kb / 12P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017 TI-TPD2S017 Datasheet
424Kb / 10P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
logo
FutureWafer Tech Co.,Lt...
FDA0531D FUTUREWAFER-FDA0531D Datasheet
1Mb / 7P
   2 Channel Ultra low capacitance ESD Protection
logo
Unisonic Technologies
USB4S012 UTC-USB4S012_15 Datasheet
146Kb / 4P
   4-CHANNEL ESD SOLUTION
VGA7S019 UTC-VGA7S019_16 Datasheet
181Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
VGA7S019 UTC-VGA7S019 Datasheet
193Kb / 7P
   7-CHANNEL INTEGRATED ESD SOLUTION
logo
Texas Instruments
TPD13S523 TI1-TPD13S523_15 Datasheet
1Mb / 23P
[Old version datasheet]   13-Channel ESD Protection Solution
logo
TECH PUBLIC Electronics...
TPESD7L5.0DT5G TECHPUBLIC-TPESD7L5.0DT5G Datasheet
958Kb / 4P
   Ultra-Low Capacitance 2-Line ESD Protection
logo
STMicroelectronics
DVIULC6-2X6 STMICROELECTRONICS-DVIULC6-2X6_06 Datasheet
50Kb / 3P
   Ultra Low Capacitance 2 line ESD protection
logo
First Silicon Co., Ltd
FTVE7205RX3 FS-FTVE7205RX3 Datasheet
243Kb / 4P
   Ultra-Low Capacitance 2-Line ESD Protection
2022. 05. 19 Revision No : 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com