Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2E007 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPD2E007
Description  2-Channel ESD-Protection Array for AC-Coupled/Negative-Rail Data Interfaces
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2E007 Datasheet(HTML) 5 Page - Texas Instruments

  TPD2E007_16 Datasheet HTML 1Page - Texas Instruments TPD2E007_16 Datasheet HTML 2Page - Texas Instruments TPD2E007_16 Datasheet HTML 3Page - Texas Instruments TPD2E007_16 Datasheet HTML 4Page - Texas Instruments TPD2E007_16 Datasheet HTML 5Page - Texas Instruments TPD2E007_16 Datasheet HTML 6Page - Texas Instruments TPD2E007_16 Datasheet HTML 7Page - Texas Instruments TPD2E007_16 Datasheet HTML 8Page - Texas Instruments TPD2E007_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1.0E-12
2.0E-12
3.0E-12
4.0E-12
5.0E-12
6.0E-12
7.0E-12
8.0E-12
9.0E-12
1.0E-11
1.1E-11
1.2E-11
1.3E-11
1.4E-11
1.5E-11
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Device 2
Device 1
Input Voltage (V)
–1.50E-01
–1.25E-01
–1.00E-01
–7.50E-02
–5.00E-02
–2.50E-02
0.00E+00
2.50E-02
5.00E-02
7.50E-02
1.00E-01
1.25E-01
1.50E-01
Volts
Device 2
Device 1
–40
0
40
80
120
160
200
240
280
0
20
40
60
80
100
120
140
160
180
200
Time (ns)
Time (ns)
–280
–260
–240
–220
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
20
40
0
20
40
60
80
100
120
140
160
180
200
5
TPD2E007
www.ti.com
SLVS796H – SEPTEMBER 2008 – REVISED JANUARY 2016
Product Folder Links: TPD2E007
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
(1)
Typical values are at VCC = 5 V and TA = 25°C.
6.6 Electrical Characteristics
TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VBRF
Break-down voltage, pin 1 or 2 to GND
IIO = 10 mA
14
V
VBRR
Break-down voltage, GND to pin 1 or 2
IIO = 10 mA
14
V
IIO
Channel leakage current
20
50
nA
Rd
Dynamic resistance
3.5
CIN
Channel input capacitance
VIO = 2.5 V; ƒ = 10 MHz
10
15
pF
6.7 Typical Characteristics
IEC Clamping Waveforms (20 ns/div)
Figure 1. 8-kV Contact
Figure 2. –8-kV Contact
Figure 3. Capacitance vs Input Voltage at TA = 27°C
Figure 4. Diode Breakdown Voltage Data at TA = 27°C


Similar Part No. - TPD2E007_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E007 TI1-TPD2E007_10 Datasheet
377Kb / 10P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007 TI1-TPD2E007_13 Datasheet
756Kb / 11P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_14 Datasheet
758Kb / 12P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
More results

Similar Description - TPD2E007_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2E007 TI1-TPD2E007_13 Datasheet
756Kb / 11P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_10 Datasheet
377Kb / 10P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
AUGUST2010
TPD2E007 TI-TPD2E007 Datasheet
427Kb / 9P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD2E007 TI1-TPD2E007_14 Datasheet
758Kb / 12P
[Old version datasheet]   2-CHANNEL ESD-PROTECTION ARRAY FOR AC-COUPLED/NEGATIVE-RAIL DATA INTERFACES
TPD4E004 TI-TPD4E004_1 Datasheet
366Kb / 11P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004_2 Datasheet
185Kb / 9P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E004 TI-TPD4E004 Datasheet
422Kb / 12P
[Old version datasheet]   4-CHANNEL ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001_1 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001 TI-TPD2E001 Datasheet
269Kb / 11P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD2E001-Q1 TI1-TPD2E001-Q1_14 Datasheet
383Kb / 12P
[Old version datasheet]   LOW-CAPACITANCE 2-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com