Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP815 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP815
Description  Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP815 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP815_15 Datasheet HTML 2Page - Texas Instruments TMP815_15 Datasheet HTML 3Page - Texas Instruments TMP815_15 Datasheet HTML 4Page - Texas Instruments TMP815_15 Datasheet HTML 5Page - Texas Instruments TMP815_15 Datasheet HTML 6Page - Texas Instruments TMP815_15 Datasheet HTML 7Page - Texas Instruments TMP815_15 Datasheet HTML 8Page - Texas Instruments TMP815_15 Datasheet HTML 9Page - Texas Instruments TMP815_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
0.47 µF
to 1 µF
V
CC
5VREG
IN+
IN–
S-S
CPWM
SENSE
SGND
OUT2P
OUT2N
OUT1P
OUT1N
FG
Discharge Circuit
Discharge
Pulse
5VREG
Thermal Shutdown
Oscillator
Controller
CT
Hall
VTH
RMI
TMP815
SLDS153B – MAY 2009 – REVISED NOVEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The TMP815 device is a single phase bipolar predriver which uses the hall sensor and speed control inputs for
driving the single phase motor connected through the H Bridge. The predriver outputs are designed for driving
top side P-channel and bottom side N-channel FETs in the bridge. Multiple protections like overcurrent, soft start,
speed control, lock detect, speed feedback and minimum speed are incorporated in the device.
7.2 Functional Block Diagram
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP815


Similar Part No. - TMP815_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP8155 TOSHIBA-TMP8155 Datasheet
333Kb / 16P
   256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
TMP8155P-2 TOSHIBA-TMP8155P-2 Datasheet
333Kb / 16P
   256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
TMP8156P-2 TOSHIBA-TMP8156P-2 Datasheet
333Kb / 16P
   256 BYTE STATIC RAM WITH I/O PORTS AND TIMER
More results

Similar Description - TMP815_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP814 TI1-TMP814_15 Datasheet
982Kb / 21P
[Old version datasheet]   Variable Speed Single-phase Full-wave Fan Motor Predriver
logo
Kersemi Electronic Co.,...
P0102BL KERSEMI-P0102BL Datasheet
421Kb / 5P
   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
logo
Texas Instruments
TMP816 TI1-TMP816_15 Datasheet
1Mb / 20P
[Old version datasheet]   TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com