Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKRNPDE010 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SKRNPDE010
Description  6mm Square Low-profile Double Action (Surface Mount Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SKRNPDE010 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SKRNPDE010 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SKRNPDE010 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SKRNPDE010 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
218
218
0.9mm low-profile, double action type
6mm Square Low-profile Double Action (Surface Mount Type)
SKRN
Top push
Japan
Export
Guide bosses
Product No.
Product Line
Operating direction
Operating force
1st 0.78N
2nd 2.45N
1st 0.78N
2nd 1.57N
1st 0.59N
2nd 1.57N
SKRNPAE010
Operating life
(5mA 5V DC)
30,000 cycles
100,000 cycles
Without
SKRNPBE010
With
SKRNPCE010
SKRNPDE010
SKRNPEE010
SKRNPME010
Without
With
Switch circuit configuration 〔1st action〕
〔2nd action〕
12
3
5
6
4
12
3
5
6
4
12
3
5
6
4
Circuit Arrangement
0.6
0.4
6.4
4
0.6
0.4
6
Guide bosses
6
5
4
3
2
1
ø1 knob
operation range
Dimensions
Unit:mm
PC board mounting hole and land dimensions
(Viewed from switch mounting face)
Style
ø0.75
hole
0.6
7
4.8
1
ø0.95
hole
Ground terminal land
Ground terminal land
Packing Specifications
Taping
Reel size
Unit:mm
5,000
5,000
Minimum order unit(pcs.)
Typical Specifications
Items
Specifications
Rating(max.)
50mA 12V DC
Rating(min.)
10μA 1V DC
Initial contact resistance
100mΩ max.
Travel(mm)
1st 0.25
All 0.4
Refer to P.259 for soldering conditions.
Number of packages(pcs.)
Tape width
(mm)
Export package
measurements(mm)
1 reel
1 case / Japan 1 case / export packing
5,000
50,000
50,000
12
401×401×214
For reels of 330mm diameter, please inquire.
Note


Similar Part No. - SKRNPDE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRNPDE010 ALPS-SKRNPDE010 Datasheet
170Kb / 3P
   6mm Square Low-profile Double Action (Surface Mount Type)
More results

Similar Description - SKRNPDE010

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SKRN ALPS-SKRN Datasheet
170Kb / 3P
   6mm Square Low-profile Double Action (Surface Mount Type)
SKSD ALPS-SKSD Datasheet
192Kb / 3P
   4.1횞3.9mm Low-profile Double Action (Surface Mount Type)
SKSK ALPS-SKSK Datasheet
781Kb / 3P
   0.6mm Low-profile double action type
SKSD ALPS-SKSD_15 Datasheet
669Kb / 3P
   0.6mm low-profile, double action type
SKQG ALPS-SKQG Datasheet
241Kb / 4P
   5.2mm Square Low-profile (Surface Mount Type)
SKSE ALPS-SKSE Datasheet
182Kb / 3P
   5.9횞2.87mm SidepushTM Double Action (Surface Mount Type)
SKRW ALPS-SKRW_15 Datasheet
721Kb / 3P
   3.7mm Square Low-profile (Surface Mount Type)
SKQG ALPS-SKQG_15 Datasheet
861Kb / 4P
   5.2mm Square Low-profile (Surface Mount Type)
SKRW ALPS-SKRW Datasheet
196Kb / 3P
   3.7mm Square Low-profile (Surface Mount Type)
SKHH ALPS-SKHH_15 Datasheet
993Kb / 7P
   6mm Square (Snap-in Type)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com