Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-C164CI Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SAF-C164CI
Description  16-Bit Single-Chip Microcontroller
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C164CI Datasheet(HTML) 4 Page - Infineon Technologies AG

  SAF-C164CI Datasheet HTML 1Page - Infineon Technologies AG SAF-C164CI Datasheet HTML 2Page - Infineon Technologies AG SAF-C164CI Datasheet HTML 3Page - Infineon Technologies AG SAF-C164CI Datasheet HTML 4Page - Infineon Technologies AG SAF-C164CI Datasheet HTML 5Page - Infineon Technologies AG SAF-C164CI Datasheet HTML 6Page - Infineon Technologies AG SAF-C164CI Datasheet HTML 7Page - Infineon Technologies AG SAF-C164CI Datasheet HTML 8Page - Infineon Technologies AG SAF-C164CI Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 79 page
background image
Controller Area Network (CAN): License of Robert Bosch GmbH
C164CI
Revision History:
2001-05
V2.0
Previous Version:
1999-08
1998-02
(Preliminary)
04.97
(Advance Information)
Page
Subjects (major changes since last revision)1)
1) These changes refer to the last two versions. Version 1998-02 covers OTP and ROM derivatives, while version
1999-08 ist the most recent one.
All
Converted to Infineon layout
1
Operating frequency up to 25 MHz
1 et al.
References to Flash removed
1
Timer Unit with three timers
1, 12, 73
On-chip XRAM described
2
Derivative table updated
10
Supply voltage is 5 V
21
Functionality of reduced CAPCOM6 corrected
22f
Timer description improved
29, 30
Sections “Oscillator Watchdog” and “Power Management” added
37
POCON reset values adjusted
41 to 73
Parameter section reworked
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
mcdocu.comments@infineon.com


Similar Part No. - SAF-C164CI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C164CM INFINEON-SAF-C164CM Datasheet
1Mb / 68P
   16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAF-C164CM-4EF INFINEON-SAF-C164CM-4EF Datasheet
1Mb / 68P
   16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAF-C164CM-4R25F INFINEON-SAF-C164CM-4R25F Datasheet
1Mb / 68P
   16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
SAF-C164CM-4RF INFINEON-SAF-C164CM-4RF Datasheet
1Mb / 68P
   16-Bit Single-Chip Microcontrol ler
V1.0, May 2001
More results

Similar Description - SAF-C164CI

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com